Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 232 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 232 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 228Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 229Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 230Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 231Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 232Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 233Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 234Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 235Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 382 page
background image
Table 63. Current consumption in VBAT mode
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C 105°C 125°C
IDD(VBAT)
Supply current in
VBAT mode (backup
registers retained),
RTC disabled
-
1.8
0.08
0.19
0.57
1.20
2.50
µA
2.4
0.08
0.19
0.60
1.25
2.60
3
0.12
0.27
0.79
1.60
3.20
3.3
0.20
0.43
1.15
2.30
4.65
3.6
0.40
0.72
1.60
2.95
5.40
IDD(VBAT
with RTC)
Supply current in
VBAT mode (backup
registers retained),
RTC enabled
RTC(1) clocked by LSE
bypassed at 32768 Hz
1.8
0.39
0.51
0.92
1.60
2.90
2.4
0.47
0.60
1.00
1.70
3.10
3
0.62
0.79
1.35
2.15
3.80
3.3
0.78
1.00
1.80
2.95
5.35
3.6
1.05
1.40
2.30
3.65
6.15
RTC(1) clocked by LSE
bypassed at 32768 Hz,
RTC_CALR.LPCAL = 1
1.8
0.30
0.43
0.84
1.50
2.80
2.4
0.34
0.48
0.91
1.60
2.95
3
0.46
0.63
1.20
2.00
3.65
3.3
0.60
0.85
1.60
2.80
5.15
3.6
0.87
1.20
2.10
3.45
5.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com