Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 235 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 235 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 231Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 232Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 233Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 234Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 235Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 236Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 237Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 238Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 382 page
background image
DS13543 Rev 1
235/382
STM32U5Axxx
Electrical characteristics
348
•
The ambient operating temperature and supply voltage conditions are summarized
in Table 33: General operating conditions.
•
The power consumption of the digital part of the on-chip peripherals is given in the table
below. The power consumption of the analog part of the peripherals (where applicable)
is indicated in each related section of the datasheet.
Table 64. Typical dynamic current consumption of peripherals
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2
AHB1
0.48
0.39
0.35
0.32
-
0.21
0.18
0.15
0.11
-
µA/
MHz
BKPSRAM
1.24
1.06
0.96
0.85
-
0.57
0.47
0.39
0.31
-
CORDIC
0.67
0.60
0.54
0.48
-
0.32
0.26
0.22
0.18
-
CRC
1.02
0.88
0.80
0.70
-
0.47
0.40
0.33
0.25
-
DCACHE1
0.39
0.28
0.26
0.21
-
0.15
0.12
0.10
0.08
-
DCACHE2
1.10
0.93
0.83
0.74
-
0.50
0.41
0.34
0.27
-
DMA2D
2.51
2.23
2.02
1.79
-
1.20
1.00
0.84
0.66
-
FLASH
2.08
1.86
1.68
1.49
-
1.00
0.83
0.70
0.55
-
FMAC
2.36
2.09
1.90
1.69
-
1.17
0.94
0.78
0.63
-
GFXMMU
3.73
3.32
3.00
2.67
-
1.80
1.48
1.24
0.99
-
GPDMA1
3.16
2.87
2.58
2.32
-
1.55
1.29
1.08
0.84
-
GPU
11.83
10.68
9.68
8.61
-
5.79
4.81
4.02
3.18
-
GTZC1
0.96
0.81
0.73
0.64
-
0.47
0.35
0.30
0.23
-
ICACHE
0.94
0.79
0.72
0.63
-
0.42
0.35
0.29
0.23
-
MDF1
8.05
7.29
6.62
5.89
-
3.99
3.28
2.75
2.19
-
MDF1 indep(1)
0.92
0.87
0.79
0.69
-
0.47
0.39
0.33
0.26
-
RAMCFG
2.26
2.00
1.81
1.60
-
1.07
0.90
0.75
0.59
-
SRAM1
1.20
1.02
0.92
0.80
-
0.55
0.45
0.38
0.29
-
TSC
1.37
1.20
1.08
0.95
-
0.64
0.54
0.45
0.35
-
AHB2_1
1.02
0.78
0.71
0.62
-
0.42
0.34
0.29
0.24
-
ADC12
4.53
4.13
3.71
3.38
-
2.22
1.85
1.56
1.22
-
ADC12 indep(1)
0.85
0.81
0.73
0.66
-
0.44
0.36
0.30
0.25
-
AES
2.95
2.67
2.39
2.20
-
1.44
1.20
1.00
0.77
-
DCMI
5.10
4.66
4.20
3.82
-
2.55
2.09
1.76
1.38
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com