Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 231 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 231 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 227Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 228Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 229Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 230Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 231Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 232Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 233Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 234Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 382 page
background image
Table 62. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C
105°C 125°C
IDD(Shutdown)
Supply current in
Shutdown mode
(backup registers
retained),
RTC disabled
-
1.8
0.15
0.53
1.85
4.05
8.60
µA
2.4
0.18
0.58
1.95
4.25
9.10
3
0.34
0.91
2.75
5.70
11.50
3.3
0.68
1.45
3.75
7.15
14.00
3.6
1.60
2.90
5.90
10.00
18.00
IDD(Shutdown
with RTC)
Supply current in
Shutdown mode
(backup registers
retained),
RTC enabled
RTC(1) clocked by
LSE bypassed at
32768 Hz
1. RTC with default configuration but RTC_CALR.LPCAL = 1.
1.8
0.37
0.77
2.10
4.30
8.90
2.4
0.45
0.86
2.25
4.55
9.45
3
0.67
1.25
3.15
6.10
12.00
3.3
1.10
1.90
4.20
7.65
14.50
3.6
2.05
3.35
6.40
11.00
18.50
RTC(1) clocked by
LSE quartz in
low-drive mode
1.8
0.55
0.90
2.20
4.55
9.35
2.4
0.59
0.95
2.40
4.85
9.95
3
0.78
1.30
3.20
6.30
12.50
3.3
1.15
1.85
4.25
7.85
15.00
3.6
2.15
3.30
6.40
11.00
19.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com