Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 343 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 343 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 339Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 340Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 341Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 342Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 343Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 344Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 345Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 346Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 347Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 382 page
background image
DS13543 Rev 1
343/382
STM32U5Axxx
Electrical characteristics
348
5.3.42
SAI characteristics
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized inTable 33, with the following configuration:
•
Output speed set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points done at 0.5 × VDD level
•
I/O compensation cell activated
•
HSLV activated when VDD ≤ 2.7 V
•
Voltage scaling range 1
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK, SD, FS).
Table 148. SAI characteristics(1)
Symbol
Parameter
Conditions
Min Max Unit
fMCK
SAI main clock
output
--
50
MHz
fSCK
SAI clock
frequency(2)
Master transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
26
Master transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
18
Master receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
21.5
Slave transmitter, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
27.5
Slave transmitter, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
18
Slave receiver, 1.71 V ≤ VDDIOX ≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode, 2.7 V ≤ VDDIOX ≤ 3.6 V
-
16
ns
Master mode 1.71 V ≤ VDDIOX ≤ 3.6 V
-
23
th(FS)
FS hold time
Master mode
7
-
tsu(FS)
FS setup time
Slave mode
2.5
-
th(FS)
FS hold time
Slave mode
1
-
tsu(SD_A_MR) Data input
setup time
Master receiver
4
-
tsu(SD_B_SR)
Slave receiver
3
-
th(SD_A_MR) Data input hold
time
Master receiver
2
-
th(SD_B_SR)
Slave receiver
1
-
tv(SD_B_ST)
Data output
valid time
Slave transmitter (after enable edge), 2.7 V ≤ VDDIOX ≤ 3.6 V
-
18
Slave transmitter (after enable edge), 1.71 V ≤ VDDIOX ≤ 3.6 V
-
27.5
th(SD_B_ST)
Data output
hold time
Slave transmitter (after enable edge)
8
-
tv(SD_A_MT)
Data output
valid time
Master transmitter (after enable edge), 2.7 V ≤ VDDIOX ≤ 3.6 V
-
19
Master transmitter (after enable edge), 1.71 V ≤ VDDIOX ≤ 3.6 V
-
27.5
th(SD_A_MT)
Data output
hold time
Master transmitter (after enable edge)
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com