Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 345 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 345 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 341Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 342Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 343Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 344Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 345Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 346Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 347Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 348Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 349Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 382 page
background image
DS13543 Rev 1
345/382
STM32U5Axxx
Electrical characteristics
348
The parameters given in tables below are derived from tests performed under temperature
and VDD supply voltage conditions summarized in Table 33: General operating conditions.
Table 149. OTG_HS electrical characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDDUSB USB transceiver operating voltage
-
3.12(2)
-3.6
V
fHCLK
fHCLK value to guarantee proper operation of
the OTG_HS interface
-30(3)
--
MHz
RPUI
Embedded OTG_HS_DP pull-up value during idle
-
900
1250
1575
Ω
RPUR
Embedded OTG_HS_DP pull-up value during
reception
-
1425(3) 2250 3090(3)
RPD
Embedded OTG_HS_DP and OTG_HS_DM
pull-down value
-
14250
-
24800
ZDRV
Output driver impedance(4)
Driving high or low 40.5(3)
45
49.5(3)
tlr
Rise time
CL < 5 pF
0.5(3)
--
ns
tlf
Fall time
CL < 5 pF
0.5(3)
--
tlrfm
Rise/fall time matching
-
80(3)
-
125(3)
%
1. Evaluated by characterization. Not tested in production, unless otherwise specified.
2. The USB functionality is ensured down to 3 V but not the full USB electrical characteristics which are degraded
in 3.0 to 3.12 V voltage range.
3. Specified by design. Not tested in production.
4. No external termination series resistors are required on OTG_HS_DP (D+) and OTG_HS_DM (D-). The matching
impedance is already included in the embedded driver.
Table 150. OTG_HS DC electrical characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vhssq
High-speed squelch detection threshold
-
100(2)
-
150
mV
Vhsdsc High-speed disconnect detection threshold
-
525
-
625
Vhsdif
High-speed differential detection threshold
-
100
-
-
Vhscm High-speed data signaling common mode voltage range
-
-50
-
500
Vhsoi
High-speed idle level
-
-10
-
10
Vhsoh
High-speed data signaling high
-
360
-
440
Vhsol
High-speed data signaling low
-
-10
-
10
Vhchirpj Chirp J level
-
700
-
1100
Vhchirpk Chirp K level
-
-900
-
-500
1. Evaluated by characterization. Not tested in production.
2. 50 mV test waivers from usb.org have been applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com