Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 48Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 49Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 50Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 51Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 52Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 53Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 54Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 55Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
8.23
FIFO_STATUS1 (26h)
R
Table 67. FIFO_STATUS1 register
FIFO_
WTM_IA
FIFO_
OVR_IA
-
-
-
-
-
-
Table 68. FIFO_STATUS1 register description
FIFO_WTM_IA
FIFO watermark status. The watermark is set through bits FTH[6:0] in FIFO_WTM (16h).
(0: FIFO filling is lower than WTM;
1: FIFO filling is equal to or higher than WTM)
FIFO_OVR_IA
FIFO overrun status: 1 if FIFO has overwritten data.
8.24
FIFO_STATUS2 (27h)
R
Table 69. FIFO_STATUS2 register
FSS7
FSS6
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Table 70. FIFO_STATUS2 register description
FSS[7:0]
Number of unread data stored in FIFO
8.25
OUT_X_L (28h)
R
Table 71. OUT_X_L register
OUTX7
OUTX6
OUTX5
OUTX4
OUTX3
OUTX2
OUTX1
OUTX0
Table 72. OUT_X_L register description
OUTX[7:0]
LSBs of X data output
8.26
OUT_X_H (29h)
R
Table 73. OUT_X_H register
OUTX15
OUTX14
OUTX13
OUTX12
OUTX11
OUTX10
OUTX9
OUTX8
Table 74. OUT_X_H register description
OUTX[15:8]
MSBs of X data output
LIS2DUXS12
FIFO_STATUS1 (26h)
DS14035 - Rev 2
page 52/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com