Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 18Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 19Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 20Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 21Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 22Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 23Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 24Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 25Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
5.1.5
Bypass-to-continuous mode
In bypass-to-continuous mode FIFO_CTRL (15h) (FIFO_MODE[2:0] = 100), data measurement storage inside
FIFO starts in continuous mode upon an edge trigger event.
The trigger event could be single/double/triple-tap, wake-up, free-fall, 6D interrupt or any combination of these
events, but every interrupt has to be routed to the corresponding pin to be used as a trigger. The sample that
generated the trigger is available in FIFO.
5.1.6
Bypass-to-FIFO
In bypass-to-FIFO mode FIFO_CTRL (15h)(FIFO_MODE_[2:0] = 111), data measurement storage inside FIFO
operates in FIFO mode when selected triggers are equal to 1, otherwise FIFO content is reset (bypass mode).
The trigger event could be single/double/triple-tap, wake-up, free-fall, 6D interrupt or any combination of these
events, but every interrupt has to be routed to the corresponding pin to be used as a trigger.
The sample that generated the trigger is available in FIFO.
5.1.7
FIFO reading procedure
When FIFO is enabled and the mode is different from bypass, reading the FIFO output registers return the oldest
FIFO sample set. Whenever these registers are read, their content is moved to the SPI/I²C/MIPI I3C® output
buffer.
The data stored in FIFO are accessible from dedicated registers and each FIFO word is composed of 7
bytes: one tag byte (FIFO_DATA_OUT_TAG (40h), in order to identify the sensor, and 6 bytes of fixed data
(FIFO_DATA_OUT registers from (41h) to (46h)).
The FSS[7:0] field in the FIFO_STATUS2 (27h) registers contains the number of words (1 byte TAG + 6 bytes
DATA) collected in FIFO.
Meta information about accelerometer configuration changes can be managed by enabling the CFG_CHG_EN bit
in FIFO_CTRL (15h).
The entire FIFO content is retrieved by performing a certain number of read operations from the FIFO output
registers until the buffer becomes empty (FSS[7:0] bits of the FIFO_STATUS2 (27h) register are equal to 0).
FIFO output data must be read with multiples of 7-byte reads starting from the FIFO_DATA_OUT_TAG (40h)
register.
The rounding function (automatic wraparound) from address FIFO_DATA_OUT_Z_L (45h) and
FIFO_DATA_OUT_Z_H (46h) to FIFO_DATA_OUT_TAG (40h) is done automatically in the device, in order to
allow reading many words with a unique multiple read operation.
The recommended way to retrieve data from the FIFO is the following:
1.
Read the FIFO_STATUS2 (27h) register to check how many words are stored in the FIFO. This information
is contained in the FSS[7:0] bits.
2.
For each word in FIFO, read the FIFO word (tag and output data) and interpret it on the basis of the FIFO
tag.
3.
Go to step 1.
5.1.8
FIFO empty condition
When FIFO is emptied, a dedicated FIFO tag value (equal to 00000) is used in order to recognize an empty
condition and no duplicated samples are read.
LIS2DUXS12
FIFO
DS14035 - Rev 2
page 22/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com