Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 86Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 87Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 88Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 89Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 90Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 91Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 92Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 93Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
12.1.7
T_AH_QVAR_SENSITIVITY_L (B6h) and T_AH_QVAR_SENSITIVITY_H (B7h)
Temperature / analog hub /Qvar sensor sensitivity value register (R/W)
This sensitivity value is also applied to the data processed in the finite state machine (FSM) and machine learning
core (MLC) blocks.
This register corresponds to the conversion value of the embedded temperature (or analog hub / Qvar) sensor.
The register value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5
exponent bits; F: 10 fraction bits).
By default it contains the sensitivity of the temperature sensor; when the analog hub / Qvar is enabled, the user
needs to modify the sensitivity accordingly.
The default value of T_AH_QVAR_S_[15:0] is 0x19D1 (when using the embedded temperature sensor, this value
corresponds to 0.045 °C/LSB with 12-bit resolution).
Table 232. T_AH_QVAR_SENSITIVITY_L register
T_AH_QVAR
_S_7
T_AH_QVAR
_S_6
T_AH_QVAR
_S_5
T_AH_QVAR
_S_4
T_AH_QVAR
_S_3
T_AH_QVAR
_S_2
T_AH_QVAR
_S_1
T_AH_QVAR
_S_0
Table 233. T_AH_QVAR_SENSITIVITY_L register description
T_AH_QVAR_S_[7:0]
Temperature / analog hub / Qvar sensor sensitivity (LSbyte). Default value: 11010001
Table 234. T_AH_QVAR_SENSITIVITY_H register
T_AH_QVAR
_S_15
T_AH_QVAR
_S_14
T_AH_QVAR
_S_13
T_AH_QVAR
_S_12
T_AH_QVAR
_S_11
T_AH_QVAR
_S_10
T_AH_QVAR
_S_9
T_AH_QVAR
_S_8
Table 235. T_AH_QVAR_SENSITIVITY_H register description
T_AH_QVAR_S_[15:8]
Temperature / analog hub / Qvar sensor sensitivity (MSbyte). Default value: 00011001
LIS2DUXS12
Page 0 - embedded advanced features registers
DS14035 - Rev 2
page 90/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com