Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 13Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 14Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 15Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 16Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 17Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 18Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 19Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 20Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Table 10. Internal pin status
Pin #
Name
Function
Pin status
1
SCL
SPC
I²C/MIPI I3C® serial clock (SCL)
SPI serial port clock (SPC)
Default: input without pull-up
2
CS
SPI/I²C/MIPI I3C® mode selection
1: SPI idle mode / I²C/MIPI I3C® enabled
0: SPI enabled / I²C/MIPI I3C® disabled
Default: input with internal
pull-up
3
SDO
SA0
Serial data output (SDO)
I²C less significant bit of the device address (SA0)
Default: input without
internal pull-up
4
SDA
SDI
SDO
I²C/MIPI I3C® serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
Default: (SDA) input without
internal pull-up
5
NC
Internally not connected. Can be tied to Vdd, Vdd_IO, or GND.
6
GND
0 V supply
7
RES
Connect to GND if not used as interrupt pin 1(1)
8
GND
0 V supply
9
Vdd
Power supply
10
Vdd_IO Power supply for I/O pins
11
INT2
Interrupt pin 2. Clock input when selected in one-shot mode. AH input 2 (or Qvar electrode 2) is
connected if the analog hub (or Qvar functionality) is enabled.(4)
Default: input with internal
pull-down(2)(3)
12
INT1
Interrupt pin 1. AH input 1 (or Qvar electrode 1) is connected if the analog hub (or Qvar
functionality) is enabled.(4)
Default: input with internal
pull-down(5)(6)
1. When the INT1_ON_RES bit of register CTRL1 (10h) is set to 1, the interrupt signals configured on the INT1 pin are routed to the RES pin.
This is useful when the analog hub / Qvar feature is enabled and the INT1 and INT2 pins are used to connect the external analog lines or
the electrodes to sense the Qvar signal.
2. The internal pull-down can be disconnected by setting the PD_DIS_INT2 bit of register PIN_CTRL (0Ch) to 1. When this is done, the INT2
pin needs to be externally biased.
3. The INT2 pin is configured as "push-pull output forced to GND" (and the internal pull-down disabled) as soon as it is configured with
the interrupt configuration bits in the CTRL3 (12h), MD2_CFG (20h), EMB_FUNC_INT2 (0Eh), FSM_INT2 (0Fh), and MLC_INT2 (11h)
registers.
4. The analog hub and Qvar functions are enabled by setting the AH_QVAR_EN bit to 1 in AH_QVAR_CFG (31h).
5. The internal pull-down can be disconnected by setting the PD_DIS_INT1 bit of register PIN_CTRL (0Ch) to 1. When this is done, the INT1
pin needs to be externally biased.
6. The INT1 pin is configured as "push-pull output forced to GND" (and the internal pull-down disabled) as soon as it is configured with
the interrupt configuration bits in the CTRL2 (11h), MD1_CFG (1Fh), EMB_FUNC_INT1 (0Ah), FSM_INT1 (0Bh), and MLC_INT1 (0Dh)
registers.
LIS2DUXS12
Application hints
DS14035 - Rev 2
page 17/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com