Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 85 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 81Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 82Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 83Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 84Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 85Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 86Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 87Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 88Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
11
Embedded advanced features pages
The table given below provides a list of the registers for the embedded advanced features page 0. These
registers are accessible when PAGE_SEL[3:0] are set to 0000 in PAGE_SEL (02h).
Note:
The content of these registers is loaded when the embedded functions are enabled by setting the
EMB_FUNC_EN bit to 1 in the CTRL4 (13h) register. The embedded functions must be enabled in order for
these registers to become accessible.
Table 214. Register address map - embedded advanced features page 0
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_LC_TIMEOUT_L
R/W
54
01010100
00000000
FSM_LC_TIMEOUT_H
R/W
55
01010101
00000000
FSM_PROGRAMS
R/W
56
01010110
00000000
FSM_START_ADD_L
R/W
58
01011000
00000000
FSM_START_ADD_H
R/W
59
01011001
00000000
PEDO_CMD_REG
R/W
5D
01011101
00000000
PEDO_DEB_STEPS_CONF
R/W
5E
01011110
00001010
PEDO_SC_DELTAT_L
R/W
AA
10101010
00000000
PEDO_SC_DELTAT_H
R/W
AB
10101011
00000000
T_AH_QVAR_SENSITIVITY_L
R/W
B6
10110110
11010001
T_AH_QVAR_SENSITIVITY_H
R/W
B7
10110111
00011001
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
Write procedure example: write value 06h in register at address 5Eh (PEDO_DEB_STEPS_CONF) in Page 0
1. Write bit EMB_FUNC_REG_ACCESS = 1 in FUNC_CFG_ACCESS (3Fh) // Enable access to embedded functions
registers
2. Write bit PAGE_WRITE = 1 in PAGE_RW (17h) register
// Select write operation mode
3. Write 0000 in PAGE_SEL[3:0] field of register PAGE_SEL (02h)
// Select page 0
4. Write 5Eh in PAGE_ADDRESS (08h) register
// Set address
5. Write 06h in PAGE_VALUE (09h) register
// Set value to be written
6. Write bit PAGE_WRITE = 0 in PAGE_RW (17h) register
// Write operation disabled
7. Write bit EMB_FUNC_REG_ACCESS = 0 in FUNC_CFG_ACCESS (3Fh) // Disable access to embedded functions
registers
LIS2DUXS12
Embedded advanced features pages
DS14035 - Rev 2
page 85/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com