Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 11Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 12Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 13Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 14Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 15Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 16Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 17Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 18Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
3.8
Qvar functionality
The LIS2DUXS12 embeds a Qvar sensor which is able to detect electric charge variations in the proximity of the
external electrodes connected to the device.
In the LIS2DUXS12, Qvar has a dedicated channel that can be activated by setting the AH_QVAR_EN bit to 1 in
the AH_QVAR_CFG (31h) register.
The AH_QVAR_NOTCH_EN bit and the AH_QVAR_NOTCH_CUTOFF bit in the AH_QVAR_CFG (31h) register
are used, respectively, to enable/disable the embedded digital notch filter and to set the cut-off frequency of this
filter (50 Hz or 60 Hz).
Qvar data are available as two's complement data, left-justified in 12-bit mode in the OUT_T_AH_QVAR_L
(2Eh) and OUT_T_AH_QVAR_H (2Fh) registers and are generated at the same rate as the one set for the
accelerometer sensor through the ODR[3:0] bits in register CTRL5 (14h).
Qvar data can also be processed by MLC/FSM logic.
LIS2DUXS12
Qvar functionality
DS14035 - Rev 2
page 15/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com