Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 49Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 50Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 51Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 52Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 53Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 54Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 55Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 56Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
8.27
OUT_Y_L (2Ah)
R
Table 75. OUT_Y_L register
OUTY7
OUTY6
OUTY5
OUTY4
OUTY3
OUTY2
OUTY1
OUTY0
Table 76. OUT_Y_L register description
OUTY[7:0]
LSBs of Y data output
8.28
OUT_Y_H (2Bh)
R
Table 77. OUT_Y_H register
OUTY15
OUTY14
OUTY13
OUTY12
OUTY11
OUTY10
OUTY9
OUTY8
Table 78. OUT_Y_H register description
OUTY[15:8]
MSBs of Y data output.
8.29
OUT_Z_L (2Ch)
R
Table 79. OUT_Z_L register
OUTZ7
OUTZ6
OUTZ5
OUTZ4
OUTZ3
OUTZ2
OUTZ1
OUTZ0
Table 80. OUT_Z_L register description
OUTZ[7:0]
LSBs of Z data output
8.30
OUT_Z_H (2Dh)
R
Table 81. OUT_Z_H register
OUTZ15
OUTZ14
OUTZ13
OUTZ12
OUTZ11
OUTZ10
OUTZ9
OUTZ8
Table 82. OUT_Z_H register description
OUTZ[15:8]
MSBs of Z data output
LIS2DUXS12
OUT_Y_L (2Ah)
DS14035 - Rev 2
page 53/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com