Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2DUXS12TR Datasheet(PDF) 82 Page - STMicroelectronics

Part # LIS2DUXS12TR
Description  Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUXS12TR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button LIS2DUXS12TR Datasheet HTML 78Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 79Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 80Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 81Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 82Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 83Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 84Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 85Page - STMicroelectronics LIS2DUXS12TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
10.31
EMB_FUNC_INIT_A (2Ch)
Embedded functions initialization register (R/W)
Table 198. EMB_FUNC_INIT_A register
MLC_BEFORE
_FSM_INIT
0(1)
SIG_MOT
_INIT
TILT_INIT
STEP_DET
_INIT
0(1)
0(1)
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 199. EMB_FUNC_INIT_A register description
MLC_BEFORE_FSM_INIT
Machine learning core initialization request (MLC executed before FSM). Default value: 0
SIG_MOT_INIT
Significant motion detection algorithm initialization request. Default value: 0
TILT_INIT
Tilt algorithm initialization request. Default value: 0
STEP_DET_INIT
Pedometer step counter/detector algorithm initialization request. Default value: 0
10.32
EMB_FUNC_INIT_B (2Dh)
Embedded functions initialization register (R/W)
Table 200. EMB_FUNC_INIT_B register
0(1)
0(1)
0(1)
MLC_INIT
0(1)
0(1)
0(1)
FSM_INIT
1. This bit must be set to 0 for the correct operation of the device.
Table 201. EMB_FUNC_INIT_B register description
MLC_INIT
Machine learning core initialization request (MLC executed after FSM). Default value: 0
FSM_INIT
FSM initialization request. Default value: 0
10.33
MLC1_SRC (34h)
Machine learning core source register (R)
Table 202. MLC1_SRC register
MLC1_
SRC_7
MLC1_
SRC_6
MLC1_
SRC_5
MLC1_
SRC_4
MLC1_
SRC_3
MLC1_
SRC_2
MLC1_
SRC_1
MLC1_
SRC_0
Table 203. MLC1_SRC register description
MLC1_SRC_[7:0]
Output value of MLC1 decision tree
LIS2DUXS12
EMB_FUNC_INIT_A (2Ch)
DS14035 - Rev 2
page 82/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com