Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 65 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 61Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 62Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 63Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 64Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 65Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 66Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 67Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 68Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
65/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Port Data Registers
The Port Data Registers, shown in Table 47, are
used by the MCU to write data to or read data from
the ports. Table 47 shows the register name, the
ports having each register type, and MCU access
for each register type. The registers are described
next.
Data In
Port pins are connected directly to the Data In buff-
er. In MCU I/O Input mode, the pin input is read
through the Data In buffer.
Data Out Register
Stores output data written by the MCU in the MCU
I/O Output mode. The contents of the Register are
driven out to the pins if the Direction Register or
the output enable product term is set to 1. The
contents of the register can also be read back by
the MCU.
Output Macrocells (OMC)
The CPLD Output Macrocells (OMC) occupy a lo-
cation in the MCU’s address space. The MCU can
read the output of the Output Macrocells (OMC). If
the Mask Macrocell Register bits are not set, writ-
ing to the Macrocell loads data to the Macrocell
flip-flops. See the section entitled “I/O PORTS”, on
page 58.
Mask Macrocell Register
Each Mask Macrocell Register bit corresponds to
an Output Macrocell (OMC) flip-flop. When the
Mask Macrocell Register bit is set to a 1, loading
data into the Output Macrocell (OMC) flip-flop is
blocked. The default value is 0, or unblocked.
Input Macrocells (IMC)
The Input Macrocells (IMC) can be used to latch or
store external inputs. The outputs of the Input
Macrocells (IMC) are routed to the PLD input bus,
and can be read by the MCU. See the section en-
titled “Input Macrocells (IMC)”, on page 45.
Table 47. Port Data Registers
Register Name
Port
MCU Access
Data In
A, B, C, D, E, F,
G
READ – input on pin
Data Out
A, B, C, D, E, F,
G
WRITE/READ
Output Macrocell
A, B
READ – outputs of Macrocells
WRITE – loading Macrocells Flip-flop
Mask Macrocell
A, B
WRITE/READ – prevents loading into a given
Macrocell
Input Macrocell
A, B, C
READ – outputs of the Input Macrocells
Enable Out
A, B, C, F
READ – the output enable control of the port driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com