Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 73 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 69Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 70Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 71Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 72Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 73Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 74Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 75Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 76Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
73/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Input Control Signals
The PSD provides the option to turn off the ad-
dress input (A7-A0) and input control signals
(CNTL0, CNTL1, CNTL2, Address Strobe (ALE/
AS, PD0) and WRITE-Enable High-byte (WRH/
DBE, PD3)) to the PLD to save AC power con-
sumption. These signals are inputs to the PLD
AND Array. During Power-down mode, or, if any of
them are not being used as part of the PLD logic
equation, these control signals should be disabled
to save AC power. They are disconnected from the
PLD AND Array by setting bits 0, 2, 3, 4, 5 and 6
to a 1 in PMMR2.
Table 50. ADP Counter Operation
APD Enable Bit
ALE PD Polarity
ALE Level
APD Counter
0
X
X
Not Counting
1
X
Pulsing
Not Counting
1
1
1
Counting (Generates PDN after 15 Clocks)
1
0
0
Counting (Generates PDN after 15 Clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com