Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 30 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 26Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 27Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 28Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 29Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 30Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 31Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 32Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 33Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
PSD4256G6V
30/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Data Polling (DQ7) - DQ15 for Motorola
When erasing or programming in Flash memory,
the Data Polling Bit (DQ7/DQ15) outputs the com-
plement of the bit being entered for programming/
writing on the DQ7/DQ15 Bit. Once the Program
instruction or the WRITE operation is completed,
the true logic value is read on the Data Polling Bit
(DQ7/DQ15) (in a READ operation).
s
Data Polling is effective after the fourth WRITE
pulse (for a Program instruction) or after the
sixth WRITE pulse (for an Erase instruction). It
must be performed at the address being
programmed or at an address within the Flash
memory sector being erased.
s
During an Erase cycle, the Data Polling Bit
(DQ7/DQ15) outputs a ’0.’ After completion of
the cycle, the Data Polling Bit (DQ7/DQ15)
outputs the last bit programmed (it is a ’1’ after
erasing).
s
If the location to be programmed is in a
protected Flash memory sector, the instruction
is ignored.
s
If all the Flash memory sectors to be erased are
protected, the Data Polling Bit (DQ7/DQ15) is
reset to '0' for about 100µs, and then returns to
the value from the previously addressed
location. No erasure is performed.
Toggle Flag (DQ6) – DQ14 for Motorola
The PSD offers another way for determining when
the Flash memory Program cycle is completed.
During the internal WRITE operation and when ei-
ther FS0-FS15 or CSBOOT0-CSBOOT3 is true,
the Toggle Flag Bit (DQ6/DQ14) toggles from 0 to
’1’ and ’1’ to ’0’ on subsequent attempts to read any
word of the memory.
When the internal cycle is complete, the toggling
stops and the data read on the Data Bus D0-D7 is
the value from the addressed memory location.
The device is now accessible for a new READ or
WRITE operation. The cycle is finished when two
successive READs yield the same output data.
s
The Toggle Flag Bit (DQ6/DQ14) is effective
after the fourth WRITE pulse (for a Program
instruction) or after the sixth WRITE pulse (for
an Erase instruction).
s
If the location to be programmed belongs to a
protected Flash memory sector, the instruction
is ignored.
s
If all the Flash memory sectors selected for
erasure are protected, the Toggle Flag Bit
(DQ6/DQ14) toggles to '0' for about 100µs and
then returns to the value from the previously
addressed location.
Error Flag (DQ5) – DQ13 for Motorola
During a normal Program or Erase cycle, the Error
Flag Bit (DQ5/DQ13) is reset to ’0.’ This bit is set
to ’1’ when there is a failure during a Flash memory
Program, Sector Erase, or Bulk Erase cycle.
In the case of Flash memory programming, the Er-
ror Flag Bit (DQ5/DQ13) indicates the attempt to
program a Flash memory bit, or bits, from the pro-
grammed state, 0, to the erased state, ’1,’ which is
not a valid operation. The Error Flag Bit (DQ5/
DQ13) may also indicate a Time-out condition
while attempting to program a word.
In case of an error in a Flash memory Sector Erase
or Word Program cycle, the Flash memory sector
in which the error occurred or to which the pro-
grammed location belongs must no longer be
used. Other Flash memory sectors may still be
used. The Error Flag Bit (DQ5/DQ13) is reset after
a RESET instruction. A RESET instruction is re-
quired after detecting an error on the Error Flag Bit
(DQ5/DQ13).
Erase Time-out Flag (DQ3) – DQ11 for Motorola
The Erase Time-out Flag Bit (DQ3/DQ11) reflects
the time-out period allowed between two consecu-
tive Sector Erase instructions. The Erase Time-out
Flag Bit (DQ3/DQ11) is reset to ’0’ after a Sector
Erase cycle for a period of 100µs + 20% unless an
additional Sector Erase instruction is decoded. Af-
ter this period, or when the additional Sector Erase
instruction is decoded, the Erase Time-out Flag Bit
(DQ3/DQ11) is set to '1.'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com