| Electronic Components Datasheet Search |
|
PSD4256G6V-90UI Datasheet(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4256G6V-90UI Datasheet(HTML) 68 Page - STMicroelectronics |
|
68 / 100 page ![]() PSD4256G6V 68/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Port E – Functionality and Structure Port E can be configured to perform one or more of the following functions (see Figure 31, page 69): s MCU I/O Mode s In-System Programming (ISP) – JTAG port can be enabled for programming/erase of the PSD device. (See the section entitled “RESET”, on page 34, for more information on JTAG programming.) s Open Drain – pins can be configured in Open Drain Mode s Battery Backup features – PE6 can be configured for a battery input sup- ply, Voltage Standby (VSTBY). – PE7 can be configured as a Battery-on Indi- cator (VBATON), indicating when VCC is less than VBAT. s Latched Address output – Provide latched address output. Port F – Functionality and Structure Port F can be configured to perform one or more of the following functions: s MCU I/O Mode s CPLD Output – External Chip Select (ECS7- ECS0) can be connected to Port F or Port C. s CPLD Input – direct input to the CPLD, no Input Macrocells (IMC) s Latched Address output – Provide latched address output as per Table 41, page 61. s Data Port – connected to D7-D0 when Port F is configured as Data Port for a non-multiplexed bus s Peripheral Mode s MCU RESET Mode – for 16-bit Motorola 683xx and HC16 MCUs Port G – Functionality and Structure Port G can be configured to perform one or more of the following functions: s MCU I/O Mode s Latched Address output – Provide latched address output as per Table 41, page 61. s Open Drain – pins can be configured in Open Drain Mode s Data Port – connected to D15-D8 when Port G is configured as Data Port for a non-multiplexed bus s MCU RESET Mode – for 16-bit Motorola 683xx and HC16 MCUs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |