Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 14Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 15Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 16Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 17Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 18Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 19Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 20Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 21Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
PSD4256G6V
18/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DEVELOPMENT SYSTEM
The PSD family is supported by PSDsoft, a Win-
dows-based software development tool (Win-
dows-95, Windows-98, Windows-NT). A PSD
design is quickly and easily produced in a point
and click environment. The designer does not
need to enter Hardware Description Language
(HDL) equations, unless desired, to define PSD
pin functions and memory map information. The
general design flow is shown in Figure 5. PSDsoft
is available from our web site (the address is given
on the back page of this data sheet) or other distri-
bution channels.
PSDsoft directly supports two low cost device pro-
grammers form ST: PSDpro and FlashLINK
(JTAG). Both of these programmers may be pur-
chased through your local distributor/representa-
tive, or directly from our web site using a credit
card. The PSD is also supported by third party de-
vice programmers. See our web site for the current
list.
Figure 5. PSDsoft Development Tool
Merge MCU Firmware
with PSD Configuration
PSD Programmer
*.OBJ FILE
PSDPro, or
FlashLINK (JTAG)
A composite object file is created
containing MCU firmware and
PSD configuration
C Code Generation
GENERATE C CODE
SPECIFIC TO PSD
FUNCTIONS
USER'S CHOICE OF
MICROCONTROLLER
COMPILER/LINKER
*.OBJ FILE
AVAILABLE
FOR 3rd PARTY
PROGRAMMERS
(CONVENTIONAL or
JTAG-ISC)
MCU FIRMWARE
HEX OR S-RECORD
FORMAT
AI04919
Define General Purpose
Logic in CPLD
Point and click definition of combin-
atorial and registered logic in CPLD.
Access HDL is available if needed
Define PSD Pin and
Node Functions
Point and click definition of
PSD pin functions, internal nodes,
and MCU system memory map
Choose MCU and PSD
Automatically configures MCU
bus interface and other
PSD attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com