Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 81Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 82Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 83Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 84Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 85Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 86Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 87Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 88Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
85/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Table 63. CPLD Macrocell Asynchronous Clock Mode Timing
Figure 40. Synchronous Clock Mode Timing – PLD
Figure 41. Asynchronous RESET / Preset
Symbol
Parameter
Conditions
-10
PT
Aloc
Turbo
Off
Unit
Min
Max
fMAXA
Maximum Frequency
External Feedback
1/(tSA+tCOA)
23.8
MHz
Maximum Frequency
Internal Feedback (fCNTA)
1/(tSA+tCOA–10)
31.25
MHz
Maximum Frequency
Pipelined Data
1/(tCHA+tCLA)
38.4
MHz
tSA
Input Setup Time
8
+ 4
+ 20
ns
tHA
Input Hold Time
10
ns
tCHA
Clock High Time
15
+ 20
ns
tCLA
Clock Low Time
12
+ 20
ns
tCOA
Clock to Output Delay
34
+ 20
ns
tARD
CPLD Array Delay
Any Macrocell
23
+ 4
ns
tMINA
Minimum Clock Period
1/fCNTA
32
ns
tCH
tCL
tCO
tH
tS
CLKIN
INPUT
REGISTERED
OUTPUT
AI02860
tARP
REGISTER
OUTPUT
tARPW
RESET/PRESET
INPUT
AI02864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com