Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 21Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 22Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 23Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 24Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 25Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 26Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 27Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 28Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
25/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DETAILED OPERATION
As shown in Figure 4, page 15, the PSD consists
of six major types of functional blocks:
s
Memory Blocks
s
MCU Bus Interface
s
I/O Ports
s
Power Management Unit (PMU)
s
JTAG-ISP Interface
s
The functions of each block are described in the
following sections. Many of the blocks perform
multiple functions, and are user configurable.
Memory Blocks
The PSD has the following memory blocks:
– Primary Flash memory
– Secondary Flash memory
–SRAM
The Memory Select signals for these blocks origi-
nate from the Decode PLD (DPLD) and are user-
defined in PSDsoft.
Table 28 summarizes the sizes and organizations
of the memory blocks.
Table 28. Memory Block Size and Organization
Primary Flash Memory
Secondary Flash Memory
SRAM
Sector
Number
Sector Size
(Bytes)
Sector Select
Signal
Sector Size
(Bytes)
Sector Select
Signal
SRAM Size
(Bytes)
SRAM Select
Signal
0
64K
FS0
16K
CSBOOT0
32K
RS0
1
64K
FS1
8K
CSBOOT1
2
64K
FS2
8K
CSBOOT2
3
64K
FS3
32K
CSBOOT3
4
64K
FS4
5
64K
FS5
6
64K
FS6
7
64K
FS7
8
64K
FS8
9
64K
FS9
10
64K
FS10
11
64K
FS11
12
64K
FS12
13
64K
FS13
14
64K
FS14
15
64K
FS15
Total
1024K
16 Sectors
64K
4 Sectors
32K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com