Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 43 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 39Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 40Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 41Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 42Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 43Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 44Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 45Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 46Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
43/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Product Term Allocator
The CPLD has a Product Term Allocator. PSDsoft,
uses the Product Term Allocator to borrow and
place product terms from one Macrocell to anoth-
er. The following list summarizes how product
terms are allocated:
s
McellA0-McellA7 all have three native product
terms and may borrow up to six more
s
McellB0-McellB3 all have four native product
terms and may borrow up to five more
s
McellB4-McellB7 all have four native product
terms and may borrow up to six more.
Each Macrocell may only borrow product terms
from certain other Macrocells. Product terms al-
ready in use by one Macrocell are not available for
another Macrocell.
If an equation requires more product terms than
are available to it, then “external” product terms
are required, which consume other Output Macro-
cells (OMC). If external product terms are used,
extra delay is added for the equation that required
the extra product terms. This is called product term
expansion. PSDsoft performs this expansion as
needed.
Loading and Reading the Output Macrocells
(OMC)
The Output Macrocells (OMC) block occupies a
memory location in the MCU address space, as
defined by the CSIOP (see Figure 21 to Figure 30
for examples of the basic connections between the
PSD and some popular MCUs). The PSD Control
input pins are labeled as to the MCU function for
which they are configured. The MCU bus interface
is specified using the PSDsoft Express Configura-
tion. The flip-flops in each of the 16 Output Macro-
cells (OMC) can be loaded from the data bus by a
MCU. Loading the Output Macrocells (OMC) with
data from the MCU takes priority over internal
functions. As such, the preset, clear, and clock in-
puts to the flip-flop can be overridden by the MCU.
The ability to load the flip-flops and read them
back is useful in such applications as loadable
counters and shift registers, mailboxes, and hand-
shaking protocols.
Data is loaded to the Output Macrocells (OMC) on
the trailing edge of WRITE Strobe (WR/WRL,
CNTL0).
The OMC Mask Register
There is one Mask Register for each of the two
groups of eight Output Macrocells (OMC). The
Mask Registers can be used to block the loading
of data to individual Output Macrocells (OMC).
The default value for the Mask Registers is 00h,
which allows loading of the Output Macrocells
(OMC). When a given bit in a Mask Register is set
to a 1, the MCU is blocked from writing to the as-
sociated Output Macrocells (OMC). For example,
suppose McellA0-McellA3 are being used for a
state machine. You would not want a MCU WRITE
to McellA to overwrite the state machine registers.
Therefore, you would want to load the Mask Reg-
ister for McellA (Mask Macrocell A) with the value
0Fh.
The Output Enable of the OMC
The Output Macrocells (OMC) can be connected
to an I/O port pin as a PLD output. The output en-
able of each port pin driver is controlled by a single
product term from the AND Array, ORed with the
Direction Register output. The pin is enabled upon
Power-up if no output enable equation is defined
and if the pin is declared as a PLD output in PSD-
soft.
If the Output Macrocell (OMC) output is declared
as an internal node and not as a port pin output in
the PSDabel file, then the port pin can be used for
other I/O functions. The internal node feedback
can be routed as an input to the AND Array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com