Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-90UI Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD4256G6V-90UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 67Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 68Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 69Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 70Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 71Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 72Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 73Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 74Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
71/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Automatic Power-down (APD) Unit and Power-down Mode
The APD Unit, shown in Figure 32, puts the PSD
into Power-down mode by monitoring the activity
of Address Strobe (ALE/AS, PD0). If the APD Unit
is enabled, as soon as activity on Address Strobe
(ALE/AS, PD0) stops, a four bit counter starts
counting. If Address Strobe (ALE/AS, PD0) re-
mains inactive for fifteen clock periods of CLKIN
(PD1), Power-down (PDN) goes High, and the
PSD enters Power-down mode, as discussed
next.
Power-down Mode
By default, if you enable the APD Unit, Power-
down mode is automatically enabled. The device
enters Power-down mode if Address Strobe (ALE/
AS, PD0) remains inactive for fifteen periods of
CLKIN (PD1).
The following should be kept in mind when the
PSD is in Power-down mode:
s
If Address Strobe (ALE/AS, PD0) starts pulsing
again, the PSD returns to normal operation. The
PSD also returns to normal operation if either
PSD Chip Select Input (CSI, PD2) is Low or the
Reset (RESET) input is High.
s
The MCU address/data bus is blocked from all
memory and PLDs.
s
Various signals can be blocked (prior to Power-
down mode) from entering the PLDs by setting
the appropriate bits in the Power Management
Mode Registers (PMMR). The blocked signals
include MCU control signals and the common
CLKIN (PD1). Note that blocking CLKIN (PD1)
from the PLDs does not block CLKIN (PD1)
from the APD Unit.
s
All PSD memories enter Standby Mode and are
drawing standby current. However, the PLDs
and I/O ports blocks do
not go into Standby
Mode because you do not want to have to wait
for the logic and I/O to “wake-up” before their
outputs can change. See Table 49, page 71 for
Power-down mode effects on PSD ports.
s
Typical Standby current is or the order of µA.
This standby current value assumes that there
are no transitions on any PLD input.
Table 48. Effect of Power-down Mode on Ports
Figure 32. APD Unit
Table 49. PSD Timing and Standby Current During Power-down Mode
Note: 1. Power-down does not affect the operation of the PLD. The PLD operation in this mode is based only on the Turbo bit.
2. Typical current consumption assuming no PLD inputs are changing state and the PLD Turbo bit is 0.
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data Port
Tri-State
Peripheral I/O
Tri-State
Mode
PLD Propagation Delay
Memory Access
Time
Access Recovery Time to
Normal Access
Typical Standby
Current
Power-down
Normal tPD (Note
1)
No Access
tLVDV
50 µA (Note 2)
APD EN
PMMR0 BIT 1=1
ALE
RESET
CSI
CLKIN
TRANSITION
DETECTION
EDGE
DETECT
APD
COUNTER
POWER DOWN
(PDN) Select
DISABLE BUS
INTERFACE
Secondary Flash
Memory Select
Primary Flash
Memory Select
SRAM Select
PD
CLR
PD
DISABLE Primary and Secondary
FLASH Memory and SRAM
PLD
AI04939



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com