Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBT Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 22 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 18Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 19Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 20Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 21Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 22Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 23Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 24Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 25Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 26Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
www.ti.com
CS
CDN
I
CC K
L
Set
=1hereto
gisterlocation.
write/readonere
CS
Hold
=0toenab
de.
leauto-incrementmo
CS
Byte0
Byte1
Byte2
Byte3
ByteN
R/W A6 A5
A0
A4
A1
A3 A2
Setto 0forWrite
ad.
; Setto
orRe
1f
Byte0:
MSB
LSB
ByteDefi ition
n
Header
RegisterData
RegisterAddress
Byte1:DontCar
’
e
Byte2 throughByteN: RegisterD t
a a
CDOUT
HiZ
HiZ
DataforA[ : ]+1
6 0
DataforA[6:0]
DataforA[ : ]+N
2 0
RegisterData
HOST INTERFACE OPERATION: PHILIPS I2C MODE
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
The SPI port supports write and read operations for multiple sequential register addresses through the
implementation of an auto-increment mode. As shown in Figure 17, the auto-increment mode is invoked by
simply holding the CS input low for multiple data bytes. The register address is automatically incremented after
each data byte transferred, starting with the address specified by the command byte.
Refer to the Electrical Characteristics: SPI Interface table and Figure 2 for specifications and a timing diagram
that highlight the key parameters for SPI interface operation.
Figure 17. Serial Peripheral Interface (SPI) Protocol for the DIX4192
The DIX4192 supports a 2-wire Philips I2C bus interface when CPM (pin 18) is forced high or pulled up to the
VIO supply rail. The DIX4192 functions as a Slave-only device on the bus. Standard and Fast modes of
operation are supported. Standard mode supports data rates up to 100kbps, while Fast mode supports data
rates up to 400kbps. Fast mode is downward compatible with Standard mode, and these modes are sometimes
referred to as Fast/Standard, or F/S mode. The I2C Bus Specification (Version 2.1, January 2000), available
from Philips Semiconductor, provides the details for the bus protocol and implementation. It is assumed that the
reader is familiar with this specification. Refer to the Electrical Characteristics: I2C Standard and Fast Modes
table and Figure 3 for specifications and a timing diagram that highlight the key parameters for I2C interface
operation.
When the I2C mode is invoked, pin 20 becomes SCL (which serves as the bus clock) and pin 22 becomes SDA
(which carries the bi-directional serial data for the bus). Pins 19 and 21 become A0 and A1, respectively, and
function as the hardware configurable portion of the 7-bit slave address.
The DIX4192 utilizes a 7-bit Slave address; see Figure 18(a). Bits A2 through A6 are fixed and bits A0 and A1
are hardware programmable using pins 19 and 21, respectively. The programmable bits allow for up to four
DIX4192 devices to be connected to the same bus. The slave address is followed by the Register Address Byte,
which points to a specific register or data buffer location in the DIX4192 register map. The register address byte
is comprised of seven bits for the address, and one bit for enabling or disabling auto-increment operation; see
Figure 18(b). Auto-increment mode allows multiple sequential register locations to be written to or read back in a
single operation, and is especially useful for block write and read operations.
Figure 19 illustrates the protocol for Standard and Fast mode Write operations. When writing a single register
address, or multiple non-sequential register addresses, the single register write operation of Figure 19(a) may be
used one or more times. When writing multiple sequential register addresses, the auto-increment mode of
Figure 19(b) improves efficiency. The register address is automatically incremented by one for each successive
byte of data transferred.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com