Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 6Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 7Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 8Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 9Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 10Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 11Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 12Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 13Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
www.ti.com
PRODUCT OVERVIEW
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
The DIX4192 is an integrated digital audio interface receiver and transmitter (DIR and DIT). Two audio serial
ports, Port A and Port B, support input and output interfacing to external data converters, signal processors, and
logic devices. On-chip routing logic provides for flexible interconnection between the four functional blocks. The
audio serial ports and DIT may be operated at sampling rates up to 216kHz. The DIR is specified for a PLL lock
range that includes sampling rates from 20kHz to 216kHz. All function blocks support audio data word lengths
up to 24 bits.
The DIX4192 requires an external host processor or logic for configuration control. The DIX4192 includes a
user-selectable serial host interface, which operates as either a 4-wire serial peripheral interface (SPI) port or a
2-wire Philips I2C bus interface. The SPI port operates at bit rates up to 40MHz. The I2C bus interface may be
operated in standard or fast modes, supporting operation at 100kbps and 400kbps, respectively. The SPI and
I2C interfaces provide access to internal control and status registers, as well as the buffers utilized for the DIR
and DIT channel status and user data.
The digital interface receiver (DIR) includes four differential input line receiver circuits, suitable for balanced or
unbalanced cable interfaces. Interfacing to optical receiver modules and CMOS logic devices is also supported.
The outputs of the line receivers are connected to a 1-of-4 data selector, referred to as the receiver input
multiplexer, which is utilized to select one of the four line receiver outputs for processing by the DIR core. The
outputs of the line receivers are also connected to a second data selector, the bypass multiplexer, which may be
used to route input data streams to the DIT CMOS output buffer and differential line driver functions. This
configuration provides a bypass signal path for AES3-encoded input data streams.
The DIR core decodes the selected input stream data and separates the audio, channel status, user, validity,
and parity data. Channel status and user data is stored in block-sized buffers, which may be accessed via the
SPI or I2C serial host interface, or routed directly to the general-purpose output pins (GPO1 through GPO4). The
validity and parity bits are processed to determine error status. The DIR core recovers a low jitter master clock,
which may be utilized to generate word and bit clocks using on-chip or external logic circuitry.
The digital interface transmitter (DIT) encodes digital audio input data into an AES3-formatted output data
stream. Two DIT outputs are provided, including a differential line driver and a CMOS output buffer. Both the line
driver and buffer include 1-of-2 input data selectors, which are utilized to choose either the output of the DIT
AES3 encoder, or the output of the bypass multiplexer. The line driver output is suitable for balanced or
unbalanced cable interfaces, while the CMOS output buffer supports interfacing to optical transmitter modules
and external logic or line drivers. The DIT includes block-sized data buffers for both channel status and user
data. These buffers are accessed via either the SPI or I2C host interface, or may be loaded directly from the DIR
channel status and user data buffers.
The DIX4192 includes four general-purpose digital outputs, or GPO pins. The GPO pins may be configured as
simple logic outputs, which may be programmed to either a low or high state. Alternatively, the GPO pins may
be connected to one of 13 internal logic nodes, allowing them to serve as functional, status, or interrupt outputs.
The GPO pins provide added utility in applications where hardware access to selected internal logic signals may
be necessary.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com