Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBT Datasheet(PDF) 44 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 44 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 40Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 41Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 42Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 43Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 44Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 45Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 46Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 47Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 48Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
www.ti.com
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
Register 13: Receiver Status Register 1 (Read-Only)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
0
RXCKR1
RXCKR0
RXCKR[1:0]
Maximum Available Recovered Clock Rate
These two bits indicate the maximum available RXCKO clock rate based upon the DIR detection circuitry, which determines the frame
rate of the incoming AES3-encoded bit stream. Based upon the estimated frame rate, a maximum rate for the recovered clock output
(RXCKO) is determined and output from PLL2, as well as being loaded into the RXCKR0 and RXCKR1 status bits.
The status of the RXCKR0 and RXCKR1 bits may be utilized to determine the programmed value for the PLL2 output clock divider, set by
the RXCKOD0 and RXCKOD1 bits in control register 0x0E.
RXCKR1
RXCKR0
Maximum Available RXCKO Rate
0
0
Clock rate not determined.
0
1
128fS
1
0
256fS
1
1
512fS
Register 14: Receiver Status Register 2 (Read-Only)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
CSCRC
PARITY
VBIT
BPERR
QCHG
UNLOCK
QCRC
RBTI
Note: Status bits must be unmasked in control register 0x16 in order for the status interrupts to be generated.
CSCRC
Channel Status CRC Status
CSCRC
CRC Status
0
No error
1
CRC error detected
PARITY
Parity Status
PARITY
Parity Status
0
No error
1
Parity error detected
VBIT
Validity Bit Status
VBIT
Validity Bit
0
Valid audio data indicated
1
Non-valid data indicated
BPERR
Biphase Encoding Error Status
BPERR
Biphase Encoding Status
0
No error
1
Biphase encoding error detected
QCHG
Q-Channel Sub-Code Data Change Status
QCHG
Q-Channel Data Status
0
No change in Q-channel sub-code data.
Q-channel data has changed. May be used to trigger a read of the Q-channel sub-code
1
data, registers 0x1F through 0x28.
UNLOCK
DIR Unlock Error Status
UNLOCK
DIR Lock Status
0
No error; the DIR AES3 decoder and PLL2 are locked.
1
DIR lock error; the AES3 decoder and PLL2 are unlocked.
QCRC
Q-Channel Sub-Code CRC Status
QCRC
Q-Channel CRC Status
0
No error
1
Q-channel sub-code data CRC error detected.
RBTI
Receiver Buffer Transfer Interrupt Status
RBTI
DIR RA Buffer-to-UA Buffer Transfer Status
0
Buffer transfer incomplete, or no Buffer transfer interrupt indicated
44
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com