Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBT Datasheet(PDF) 32 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 32 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 28Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 29Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 30Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 31Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 32Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 33Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 34Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 35Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 36Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
www.ti.com
SN74AHCT1G125
orEquivalent
+5V
5
2
1
3
4
Directtoexternallogic
operatingfromtheVIOsupply.
AESOUT
To+5VLogic
(VIOsupply=+3.0Vto+3.3V)
SN74AVC1T45
orEquivalent
IfVIO<+3.0V.
VIO
+5V
5
+3.3V
6
3
1
2
4
ToBalancedorUnbalanced
LineInterface
AESOUT
2
8
7
ToBalancedorUnbalanced
LineInterface
3
6
5
1
1
SN75ALS191
REGISTER AND DATA BUFFER ORGANIZATION
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
APPLICATIONS INFORMATION (continued)
Figure 33. CMOS/TTL Output Logic Interface
Figure 34. External Line Driver Interface
The DIX4192 organizes the on-chip registers and data buffers into four pages. The currently active page is
chosen by programming the Page Selection Register to the desired page number. The Page Selection Register
is available on every register page at address 0x7F, allowing easy movement between pages. Table 2 indicates
the page selection corresponding to the Page Selection Register value.
Table 2. Register Page Selection
Page Selection Register Value (Hex)
Selected Register Page
00
Page 0, control and status registers
01
Page 1, DIR channel status and user data buffers
02
Page 2, DIT channel status and user data buffers
03
Page 3, reserved
Register Page 0 contains the control registers utilized to configure the various function blocks within the
DIX4192. In addition, status registers are provided for flag and error conditions, with many of the status bits
capable of generating an interrupt signal when enabled. See Table 3 for the control and status register map.
Register Page 1 contains the digital interface receiver (or DIR) channel status and user data buffers. These
buffers correspond to the data contained in the C and U bits of the previously received block of the
AES3-encoded data stream. The contents of these buffers may be read through the SPI or I2C serial host
interface and processed as needed by the host system. See Table 5 for the DIR channel status buffer map, and
Table 6 for the DIR user data buffer map.
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com