Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBT Datasheet(PDF) 31 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 31 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 27Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 28Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 29Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 30Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 31Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 32Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 33Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 34Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 35Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
www.ti.com
R1andR2areselectedtoachievethedesiredoutputvoltagelevelwhilemaintainingtherequired75
transmitteroutputimpedance.
W
TheTX+outputimpedanceisnegligible.
(a)Transformer-CoupledUnbalancedOutput
1:1
R2
0.1 F
m
TX+
DigitalOutput
75
Unbalan
W
ced
(RCAorBNCconnector)
R1
(b)UnbalancedOutputWithoutTransformer
R2
0.1mF
TX+
DigitalOutput
75
Unbalan
W
ced
(RCAorBNCconnector)
R1
(1)ToshibaTOTX141,TOTX173,TOTX176,TOTX179,orequivalent.
SN74AVC1T45
orEquivalent
IfVIO<+3.0V.
VIO
5
+3.3V
6
3
1
2
4
All-PlasticFiber
(5or10metersmaximum)
AESOUT
Optical
Transmitter
(1)
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
APPLICATIONS INFORMATION (continued)
Figure 31. Unbalanced Line Output Interfaces
Optical interfaces utilizing all-plastic fiber are commonly employed for consumer audio equipment where
interconnections are less than 10m in length. Most optical transmitter modules utilized for a digital audio
interface operate from a single +3.3V or +5V supply and have a TTL-compatible logic input. The CMOS-buffered
transmitter output of the DIX4192, AESOUT (pin 34), is capable of driving the optical transmitter with VIO supply
voltages down to +3.0V. If the VIO supply voltage is less than +3.0V, then level translation logic is required to
drive the optical transmitter input. A good choice for this application is the Texas Instruments SN74AVC1T45
single bus transceiver. This device features two power-supply rails, one for the input side and one for the output
side. For this application, the input side supply is powered from the VIO supply, while the output side is powered
from a +3.3V supply. This configuration will boost the logic high level to a voltage suitable for driving the
TTL-compatible input configuration. Figure 32 shows the recommended optical transmitter interface circuits.
Figure 32. Interfacing to an Optical Transmitter Module
The AESOUT output may also be used to drive external logic or line driver devices directly. Figure 33 illustrates
the recommended logic interface techniques, including connections with and without level translation. Figure 34
illustrates an external line driver interface utilizing the Texas Instruments SN75ALS191 dual differential line
driver. If the VIO supply of the DIX4192 is set from +3.0V to +3.3V, no logic level translation will be required
between the AESOUT output and the line driver input. If the VIO supply voltage is below this range, then the
optional logic level translation logic of Figure 34 will be required. The SN75ALS191 dual line driver is especially
useful in applications where simultaneous 75
Ω and 110Ω line interfaces are required.
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com