Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIX4192IPFBT Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIX4192IPFBT
Description  Integrated Digital Audio Interface Receiver and Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIX4192IPFBT Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DIX4192IPFBT Datasheet HTML 5Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 6Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 7Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 8Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 9Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 10Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 11Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 12Page - Burr-Brown (TI) DIX4192IPFBT Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
www.ti.com
DIX4192
SBFS031C – JANUARY 2006 – REVISED JUNE 2006
PIN DESCRIPTIONS (continued)
NAME
PIN NUMBER
I/O
DESCRIPTION
INT
23
Output
Interrupt flag (open-drain, active low)
RST
24
Input
Reset (active low)
MCLK
25
Input
Master clock
GPO1
26
Output
General-purpose output 1
GPO2
27
Output
General-purpose output 2
GPO3
28
Output
General-purpose output 3
GPO4
29
Output
General-purpose output 4
DGND2
30
Ground
DIR line receiver bias and DIT line driver digital ground
TX–
31
Output
DIT line driver inverting output
TX+
32
Output
DIT line driver noninverting output
VDD33
33
Power
DIR line receiver bias and DIT line driver supply, +3.3V nominal
AESOUT
34
Output
DIT buffered AES3-encoded data
BLS
35
I/O
DIT block start clock
SYNC
36
Output
DIT internal sync clock
BCKA
37
I/O
Audio serial Port A bit clock
LRCKA
38
I/O
Audio serial Port A Left/Right clock
SDINA
39
Input
Audio serial Port A data input
SDOUTA
40
Output
Audio serial Port A data output
VIO
42
Power
Logic I/O supply, +1.65V to +3.6V
DGND3
43
Ground
Logic I/O ground
BGND
44
Ground
Substrate ground, connect to AGND (pin 10)
SDOUTB
45
Output
Audio serial Port B data output
SDINB
46
Input
Audio serial Port B data input
LRCKB
47
I/O
Audio serial Port B left/right clock
BCKB
48
I/O
Audio serial Port B bit clock
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com