Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 100Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 101Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 102Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 103Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 104Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 184 page
background image
Port B
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
101
12.3.2 Data Direction Register B
Data direction register B (DDRB) determines whether each port B pin is an input or an output. Writing a 1
to a DDRB bit enables the output buffer for the corresponding port B pin; a 0 disables the output buffer.
DDRB[7:0] — Data Direction Register B Bits
These read/write bits control port B data direction. Reset clears DDRB[7:0], configuring all port B pins
as inputs.
1 = Corresponding port B pin configured as output
0 = Corresponding port B pin configured as input
NOTE
Avoid glitches on port B pins by writing to the port B data register before
changing data direction register B bits from 0 to 1. Figure 12-7 shows the
port B I/O logic.
Figure 12-7. Port B I/O Circuit
When DDRBx is a 1, reading address $0001 reads the PTBx data latch. When DDRBx is a 0, reading
address $0001 reads the voltage level on the pin. The data latch can always be written, regardless of the
state of its data direction bit. Table 12-2 summarizes the operation of the port B pins.
Address: $0005
Bit 7
6
54
32
1
Bit 0
Read:
DDRB7
DDRB6
DDRB5
DDRB4
DDRB3
DDRB2
DDRB1
DDRB0
Write:
Reset:
000
00
000
Figure 12-6. Data Direction Register B (DDRB)
Table 12-2. Port B Pin Functions
DDRB
Bit
PTB
Bit
I/O Pin
Mode
Accesses to DDRB
Accesses to PTB
Read/Write
Read
Write
0
X(1)
1. X = don’t care
Input, Hi-Z(2)
2. Hi-Z = high impedance
DDRB7–DDRB0
Pin
PTB7–PTB0(3)
3. Writing affects data register, but does not affect the input.
1
X
Output
DDRB7–DDRB0
Pin
PTB7–PTB0
READ DDRB ($0005)
WRITE DDRB ($0005)
RESET
WRITE PTB ($0001)
READ PTB ($0001)
PTBx
DDRBx
PTBx
30 k
PTBPUEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com