Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 101Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 102Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 103Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 104Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 105Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 106Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 107Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 108Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 184 page
background image
Reset and System Initialization
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
105
Figure 13-2. SIM Clock Signals
13.3.1 Bus Timing
In user mode, the internal bus frequency is the oscillator frequency (BUSCLKX4) divided by four.
13.3.2 Clock Start-Up from POR
When the power-on reset module generates a reset, the clocks to the CPU and peripherals are inactive
and held in an inactive phase until after the 4096 BUSCLKX4 cycle POR time out has completed. The
IBUS clocks start upon completion of the time out.
13.3.3 Clocks in Stop Mode and Wait Mode
Upon exit from stop mode by an interrupt or reset, the SIM allows BUSCLKX4 to clock the SIM counter.
The CPU and peripheral clocks do not become active until after the stop delay time out. This time out is
selectable as 4096 or 32 BUSCLKX4 cycles. See 13.7.2 Stop Mode.
In wait mode, the CPU clocks are inactive. The SIM also produces two sets of clocks for other modules.
Refer to the wait mode subsection of each module to see if the module is active or inactive in wait mode.
Some modules can be programmed to be active in wait mode.
13.4 Reset and System Initialization
The MCU has these reset sources:
•
Power-on reset module (POR)
•
External reset pin (RST)
•
Computer operating properly module (COP)
•
Low-voltage inhibit module (LVI)
•
Illegal opcode
•
Illegal address
All of these resets produce the vector $FFFE–FFFF ($FEFE–FEFF in monitor mode) and assert the
internal reset signal (IRST). IRST causes all registers to be returned to their default values and all
modules to be returned to their reset states.
An internal reset clears the SIM counter (see 13.5 SIM Counter), but an external reset does not. Each of
the resets sets a corresponding bit in the SIM reset status register (SRSR). See 13.8 SIM Registers.
÷ 2
BUS CLOCK
GENERATORS
SIM
SIM COUNTER
FROM
OSCILLATOR
FROM
OSCILLATOR
BUSCLKX2
BUSCLKX4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com