Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 104Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 105Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 106Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 107Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 108Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 109Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 110Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 111Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
System Integration Module (SIM)
MC68HC908QY/QT Family Data Sheet, Rev. 5
108
Freescale Semiconductor
13.4.2.2 Computer Operating Properly (COP) Reset
An input to the SIM is reserved for the COP reset signal. The overflow of the COP counter causes an
internal reset and sets the COP bit in the SIM reset status register (SRSR). The SIM actively pulls down
the RST pin for all internal reset sources.
To prevent a COP module time out, write any value to location $FFFF. Writing to location $FFFF clears
the COP counter and stages 12–5 of the SIM counter. The SIM counter output, which occurs at least
every 4080 BUSCLKX4 cycles, drives the COP counter. The COP should be serviced as soon as possible
out of reset to guarantee the maximum amount of time before the first time out.
The COP module is disabled during a break interrupt with monitor mode when BDCOP bit is set in break
auxiliary register (BRKAR).
13.4.2.3 Illegal Opcode Reset
The SIM decodes signals from the CPU to detect illegal instructions. An illegal instruction sets the ILOP
bit in the SIM reset status register (SRSR) and causes a reset.
If the stop enable bit, STOP, in the mask option register is 0, the SIM treats the STOP instruction as an
illegal opcode and causes an illegal opcode reset. The SIM actively pulls down the RST pin for all internal
reset sources.
13.4.2.4 Illegal Address Reset
An opcode fetch from an unmapped address generates an illegal address reset. The SIM verifies that the
CPU is fetching an opcode prior to asserting the ILAD bit in the SIM reset status register (SRSR) and
resetting the MCU. A data fetch from an unmapped address does not generate a reset. The SIM actively
pulls down the RST pin for all internal reset sources. See Figure 2-1. Memory Map for memory ranges.
13.4.2.5 Low-Voltage Inhibit (LVI) Reset
The LVI asserts its output to the SIM when the VDD voltage falls to the LVI trip voltage VTRIPF. The LVI
bit in the SIM reset status register (SRSR) is set, and the external reset pin (RST) is held low while the
SIM counter counts out 4096 BUSCLKX4 cycles after VDD rises above VTRIPR. Sixty-four BUSCLKX4
cycles later, the CPU and memories are released from reset to allow the reset vector sequence to occur.
The SIM actively pulls down the (RST) pin for all internal reset sources.
13.5 SIM Counter
The SIM counter is used by the power-on reset module (POR) and in stop mode recovery to allow the
oscillator time to stabilize before enabling the internal bus (IBUS) clocks. The SIM counter also serves as
a prescaler for the computer operating properly module (COP). The SIM counter uses 12 stages for
counting, followed by a 13th stage that triggers a reset of SIM counters and supplies the clock for the COP
module. The SIM counter is clocked by the falling edge of BUSCLKX4.
13.5.1 SIM Counter During Power-On Reset
The power-on reset module (POR) detects power applied to the MCU. At power-on, the POR circuit
asserts the signal PORRST. Once the SIM is initialized, it enables the oscillator to drive the bus clock
state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com