| Electronic Components Datasheet Search |
|
MC908QT4MPE Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC908QT4MPE Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc |
|
111 / 184 page ![]() Exception Control MC68HC908QY/QT Family Data Sheet, Rev. 5 Freescale Semiconductor 111 Figure 13-8 . Interrupt Entry Figure 13-9. Interrupt Recovery 13.6.1.1 Hardware Interrupts A hardware interrupt does not stop the current instruction. Processing of a hardware interrupt begins after completion of the current instruction. When the current instruction is complete, the SIM checks all pending hardware interrupts. If interrupts are not masked (I bit clear in the condition code register), and if the corresponding interrupt enable bit is set, the SIM proceeds with interrupt processing; otherwise, the next instruction is fetched and executed. If more than one interrupt is pending at the end of an instruction execution, the highest priority interrupt is serviced first. Figure 13-10 demonstrates what happens when two interrupts are pending. If an interrupt is pending upon exit from the original interrupt service routine, the pending interrupt is serviced before the LDA instruction is executed. The LDA opcode is prefetched by both the INT1 and INT2 return-from-interrupt (RTI) instructions. However, in the case of the INT1 RTI prefetch, this is a redundant operation. NOTE To maintain compatibility with the M6805 Family, the H register is not pushed on the stack during interrupt entry. If the interrupt service routine modifies the H register or uses the indexed addressing mode, software should save the H register and then restore it prior to exiting the routine. MODULE DATA BUS R/W INTERRUPT DUMMY SP SP – 1 SP – 2 SP – 3 SP – 4 VECT H VECT L START ADDR ADDRESS BUS DUMMY PC – 1[7:0] PC – 1[15:8] X A CCR V DATA H V DATA L OPCODE I BIT MODULE DATA BUS R/W INTERRUPT SP – 4 SP – 3 SP – 2 SP – 1 SP PC PC + 1 ADDRESS BUS CCR A X PC – 1[7:0] PC – 1[15:8] OPCODE OPERAND I BIT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |