Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 111Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 112Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 113Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 114Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 115Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 116Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 117Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 118Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
Low-Power Modes
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
115
A module that is active during wait mode can wake up the CPU with an interrupt if the interrupt is enabled.
Stacking for the interrupt begins one cycle after the WAIT instruction during which the interrupt occurred.
In wait mode, the CPU clocks are inactive. Refer to the wait mode subsection of each module to see if the
module is active or inactive in wait mode. Some modules can be programmed to be active in wait mode.
Wait mode can also be exited by a reset (or break in emulation mode). A break interrupt during wait mode
sets the SIM break stop/wait bit, SBSW, in the break status register (BSR). If the COP disable bit, COPD,
in the configuration register is 0, then the computer operating properly module (COP) is enabled and
remains active in wait mode.
Figure 13-15 and Figure 13-16 show the timing for wait recovery.
Figure 13-15. Wait Recovery from Interrupt
Figure 13-16. Wait Recovery from Internal Reset
13.7.2 Stop Mode
In stop mode, the SIM counter is reset and the system clocks are disabled. An interrupt request from a
module can cause an exit from stop mode. Stacking for interrupts begins after the selected stop recovery
time has elapsed. Reset or break also causes an exit from stop mode.
The SIM disables the oscillator signals (BUSCLKX2 and BUSCLKX4) in stop mode, stopping the CPU
and peripherals. Stop recovery time is selectable using the SSREC bit in the configuration register 1
(CONFIG1). If SSREC is set, stop recovery is reduced from the normal delay of 4096 BUSCLKX4 cycles
down to 32. This is ideal for the internal oscillator, RC oscillator, and external oscillator options which do
not require long start-up times from stop mode.
NOTE
External crystal applications should use the full stop recovery time by
clearing the SSREC bit.
$6E0C
$6E0B
$00FF
$00FE
$00FD
$00FC
$A6
$A6
$01
$0B
$6E
$A6
ADDRESS BUS
DATA BUS
EXITSTOPWAIT
NOTE: EXITSTOPWAIT = RST pin OR CPU interrupt OR break interrupt
ADDRESS BUS
DATA BUS
RST
$A6
$A6
$6E0B
RSTVCTH
RSTVCTL
$A6
BUSCLKX4
32
CYCLES
32
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com