Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 112Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 113Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 114Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 115Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 116Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 117Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 118Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 119Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 184 page
background image
System Integration Module (SIM)
MC68HC908QY/QT Family Data Sheet, Rev. 5
116
Freescale Semiconductor
The SIM counter is held in reset from the execution of the STOP instruction until the beginning of stop
recovery. It is then used to time the recovery period. Figure 13-17 shows stop mode entry timing and
Figure 13-18 shows the stop mode recovery time from interrupt or break.
NOTE
To minimize stop current, all pins configured as inputs should be driven to
a logic 1 or logic 0.
Figure 13-17. Stop Mode Entry Timing
Figure 13-18. Stop Mode Recovery from Interrupt
13.8 SIM Registers
The SIM has three memory mapped registers. Table 13-4 shows the mapping of these registers.
Table 13-4. SIM Registers
Address
Register
Access Mode
$FE00
BSR
User
$FE01
SRSR
User
$FE03
BFCR
User
STOP ADDR + 1
SAME
SAME
ADDRESS BUS
DATA BUS
PREVIOUS DATA
NEXT OPCODE
SAME
STOP ADDR
SAME
R/W
CPUSTOP
NOTE: Previous data can be operand data or the STOP opcode, depending on the last instruction.
BUSCLKX4
INTERRUPT
ADDRESS BUS
STOP + 2
STOP + 2
SP
SP – 1
SP – 2
SP – 3
STOP +1
STOP RECOVERY PERIOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com