Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC908QT4MPE Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MC908QT4MPE
Description  Microcontrollers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QT4MPE Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MC908QT4MPE Datasheet HTML 115Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 116Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 117Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 118Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 119Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 120Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 121Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 122Page - Freescale Semiconductor, Inc MC908QT4MPE Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 184 page
background image
MC68HC908QY/QT Family Data Sheet, Rev. 5
Freescale Semiconductor
119
Chapter 14
Timer Interface Module (TIM)
14.1 Introduction
This section describes the timer interface module (TIM). The TIM is a two-channel timer that provides a
timing reference with input capture, output compare, and pulse-width-modulation functions. Figure 14-2
is a block diagram of the TIM.
14.2 Features
Features of the TIM include the following:
•
Two input capture/output compare channels
–
Rising-edge, falling-edge, or any-edge input capture trigger
–
Set, clear, or toggle output compare action
•
Buffered and unbuffered pulse width modulation (PWM) signal generation
•
Programmable TIM clock input
–
7-frequency internal bus clock prescaler selection
–
External TIM clock input
•
Free-running or modulo up-count operation
•
Toggle any channel pin on overflow
•
TIM counter stop and reset bits
14.3 Pin Name Conventions
The TIM shares two input/output (I/O) pins with two port A I/O pins. The full names of the TIM I/O pins are
listed in Table 14-1. The generic pin name appear in the text that follows.
Table 14-1. Pin Name Conventions
TIM Generic Pin Names:
TCH0
TCH1
TCLK
Full TIM Pin Names:
PTA0/TCH0
PTA1/TCH1
PTA2/TCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com