Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 54 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 50Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 51Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 52Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 53Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 54Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 55Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 56Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 57Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 125 page
background image
ST7LITE0x, ST7LITESx
54/125
11.2 12-BIT AUTORELOAD TIMER (AT)
11.2.1 Introduction
The 12-bit Autoreload Timer can be used for gen-
eral-purpose timing functions. It is based on a free-
running 12-bit upcounter with a PWM output chan-
nel.
11.2.2 Main Features
■ 12-bit upcounter with 12-bit autoreload register
(ATR)
■ Maskable overflow interrupt
■ PWM signal generator
■ Frequency range 2KHz-4MHz (@ 8 MHz fCPU)
– Programmable duty-cycle
– Polarity control
– Maskable Compare interrupt
■ Output Compare Function
Figure 33. Block Diagram
ATCSR
CMPIE
OVFIE
OVF
CK0
CK1
0
0
0
12-BIT AUTORELOAD VALUE
12-BIT UPCOUNTER
CMPF0 bit
CMPF0
CMP INTERRUPT
REQUEST
OVF INTERRUPT
REQUEST
fCPU
ATR
POL-
ARITY
OP0 bit
PWM0
COMP-
PARE
fCOUNTER
fPWM
OE0 bit
CNTR
(1 ms timebase
fLTIMER
DCR0H
DCR0L
Update on OVF Event
Preload
Preload
@ 8MHz)
70
on OVF Event
0
1
12-BIT DUTY CYCLE VALUE (shadow)
OE0 bit
IF OE0=1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com