Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 83Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 84Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 85Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 86Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 87Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 88Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 89Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 90Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 125 page
background image
ST7LITE0x, ST7LITESx
87/125
OPERATING CONDITIONS (Cont’d)
13.3.4.2 Devices with ‘”6” order code suffix (tested for TA = -40 to +85°C) @ VDD = 2.7 to 3.3V
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 25.
3. Data based on characterization results, not tested in production
4. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy
5. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 12 on page 26.
6. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
1)
Internal RC oscillator fre-
quency
RCCR = FF (reset value), TA=25°C, VDD= 3.0V
560
kHz
RCCR=RCCR12) ,TA=25°C, VDD= 3V
700
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR=RCCR12)3)
TA=25°C,VDD=3V
-2
+2
%
TA=25°C,VDD=2.7 to 3.3V
-25
+25
%
TA=-40 to +85°C, VDD=3V
-15
15
%
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=3V
7003)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=3V
102)
µs
fPLL
x4 PLL input clock
0.73)
MHz
tLOCK
PLL Lock time5)
2ms
tSTAB
PLL Stabilization time5)
4ms
ACCPLL
x4 PLL Accuracy
fRC = 1MHz@TA=25°C, VDD=2.7 to 3.3V
0.14)
%
fRC = 1MHz@TA=40 to +85°C, VDD= 3V
0.14)
%
tw(JIT)
PLL jitter period
fRC = 1MHz
86)
kHz
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
6)
%
IDD(PLL)
PLL current consumption TA=25°C
1903)
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com