Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 58 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 54Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 55Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 56Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 57Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 58Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 59Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 60Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 61Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 125 page
background image
ST7LITE0x, ST7LITESx
58/125
12-BIT AUTORELOAD TIMER (Cont’d)
AUTO RELOAD REGISTER (ATRH)
Read / Write
Reset Value: 0000 0000 (00h)
AUTO RELOAD REGISTER (ATRL)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved, must be kept cleared.
Bits 11:0 = ATR[11:0] Autoreload Register.
This is a 12-bit register which is written by soft-
ware. The ATR register value is automatically
loaded into the upcounter when an overflow oc-
curs. The register value is used to set the PWM
frequency.
PWM0 DUTY CYCLE REGISTER HIGH (DCR0H)
Read / Write
Reset Value: 0000 0000 (00h)
PWM0 DUTY CYCLE REGISTER LOW (DCR0L)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved, must be kept cleared.
Bits 11:0 = DCR[11:0] PWMx Duty Cycle Value
This 12-bit value is written by software. The high
register must be written first.
In PWM mode (OE0=1 in the PWMCR register)
the DCR[11:0] bits define the duty cycle of the
PWM0 output signal (see Figure 34). In Output
Compare mode, (OE0=0 in the PWMCR register)
they define the value to be compared with the 12-
bit upcounter value.
PWM0
CONTROL/STATUS
REGISTER
(PWM0CSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:2= Reserved, must be kept cleared.
Bit 1 = OP0 PWM0 Output Polarity.
This bit is read/write by software and cleared by
hardware after a reset. This bit selects the polarity
of the PWM0 signal.
0: The PWM0 signal is not inverted.
1: The PWM0 signal is inverted.
Bit 0 = CMPF0 PWM0 Compare Flag.
This bit is set by hardware and cleared by software
by reading the PWM0CSR register. It indicates
that the upcounter value matches the DCR0 regis-
ter value.
0: Upcounter value does not match DCR value.
1: Upcounter value matches DCR value.
15
8
0
0
0
0
ATR11 ATR10
ATR9
ATR8
70
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
15
8
0
0
0
0
DCR11 DCR10 DCR9
DCR8
70
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
70
0
000
00
OP0
CMPF0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com