Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 40Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 41Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 42Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 43Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 44Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 45Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 46Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 47Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 125 page
background image
ST7LITE0x, ST7LITESx
44/125
– reset the interrupt mask with the RIM instruc-
tion (in cases where a pin level change could
occur)
Output Modes
The output configuration is selected by setting the
corresponding DDR register bit. In this case, writ-
ing the DR register applies this digital value to the
I/O pin through the latch. Then reading the DR reg-
ister returns the previously stored value.
Two different output modes can be selected by
software through the OR register: Output push-pull
and open-drain.
DR register value and output pin status:
Note: When switching from input to output mode,
the DR register has to be written first to drive the
correct level on the pin as soon as the port is con-
figured as an output.
10.2.2 Alternate Functions
When an on-chip peripheral is configured to use a
pin, the alternate function is automatically select-
ed. This alternate function takes priority over the
standard I/O programming under the following
conditions:
– When the signal is coming from an on-chip pe-
ripheral, the I/O pin is automatically configured in
output mode (push-pull or open drain according
to the peripheral).
– When the signal is going to an on-chip peripher-
al, the I/O pin must be configured in floating input
mode. In this case, the pin state is also digitally
readable by addressing the DR register.
Notes:
– Input pull-up configuration can cause unexpect-
ed value at the input of the alternate peripheral
input.
– When an on-chip peripheral use a pin as input
and output, this pin has to be configured in input
floating mode.
DR
Push-pull
Open-drain
0VSS
Vss
1VDD
Floating
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com