Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 53Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 54Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 55Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 56Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 57Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 58Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 59Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 60Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
ST7LITE0x, ST7LITESx
57/125
12-BIT AUTORELOAD TIMER (Cont’d)
11.2.6 Register Description
TIMER CONTROL STATUS REGISTER (ATC-
SR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:5 = Reserved, must be kept cleared.
Bit 4:3 = CK[1:0] Counter Clock Selection.
These bits are set and cleared by software and
cleared by hardware after a reset. They select the
clock frequency of the counter.
Bit 2 = OVF Overflow Flag.
This bit is set by hardware and cleared by software
by reading the ATCSR register. It indicates the
transition of the counter from FFFh to ATR value.
0: No counter overflow occurred
1: Counter overflow occurred
Caution:
When set, the OVF bit stays high for 1 fCOUNTER
cycle, (up to 1ms depending on the clock selec-
tion).
Bit 1 = OVFIE Overflow Interrupt Enable.
This bit is read/write by software and cleared by
hardware after a reset.
0: OVF interrupt disabled
1: OVF interrupt enabled
Bit 0 = CMPIE Compare Interrupt Enable.
This bit is read/write by software and clear by
hardware after a reset. It allows to mask the inter-
rupt generation when CMPF bit is set.
0: CMPF interrupt disabled
1: CMPF interrupt enabled
COUNTER REGISTER HIGH (CNTRH)
Read only
Reset Value: 0000 0000 (00h)
COUNTER REGISTER LOW (CNTRL)
Read only
Reset Value: 0000 0000 (00h)
Bits 15:12 = Reserved, must be kept cleared.
Bits 11:0 = CNTR[11:0] Counter Value.
This 12-bit register is read by software and cleared
by hardware after a reset. The counter is incre-
mented continuously as soon as a counter clock is
selected. To obtain the 12-bit value, software
should read the counter value in two consecutive
read operations. The CNTRH register can be in-
cremented between the two reads, and in order to
be accurate when fTIMER=fCPU, the software
should take this into account when CNTRL and
CNTRH are read. If CNTRL is close to its highest
value, CNTRH could be incremented before it is
read.
When a counter overflow occurs, the counter re-
starts from the value specified in the ATR register.
70
0
0
0
CK1
CK0
OVF
OVFIE CMPIE
Counter Clock Selection
CK1
CK0
OFF
0
0
fLTIMER (1 ms timebase @ 8 MHz)
0
1
fCPU
10
Reserved
1
1
15
8
0
0
0
0
CN11
CN10
CN9
CN8
70
CN7
CN6
CN5
CN4
CN3
CN2
CN1
CN0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com