Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 55Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 56Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 57Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 58Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 59Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 60Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 61Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 62Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 125 page
background image
ST7LITE0x, ST7LITESx
59/125
12-BIT AUTORELOAD TIMER (Cont’d)
PWM OUTPUT CONTROL REGISTER (PWMCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:1 = Reserved, must be kept cleared.
Bit 0 = OE0 PWM0 Output enable.
This bit is set and cleared by software.
0: PWM0 output Alternate Function disabled (I/O
pin free for general purpose I/O)
1: PWM0 output enabled
Table 14. Register Map and Reset Values
70
000
000
0
OE0
Address
(Hex.)
Register
Label
76543
210
0D
ATCSR
Reset Value
000
CK1
0
CK0
0
OVF
0
OVFIE
0
CMPIE
0
0E
CNTRH
Reset Value
0000
CN11
0
CN10
0
CN9
0
CN8
0
0F
CNTRL
Reset Value
CN7
0
CN6
0
CN5
0
CN4
0
CN3
0
CN2
0
CN1
0
CN0
0
10
ATRH
Reset Value
0000
ATR11
0
ATR10
0
ATR9
0
ATR8
0
11
ATRL
Reset Value
ATR7
0
ATR6
0
ATR5
0
ATR4
0
ATR3
0
ATR2
0
ATR1
0
ATR0
0
12
PWMCR
Reset Value
00000
00
OE0
0
13
PWM0CSR
Reset Value
00000
0
OP
0
CMPF0
0
17
DCR0H
Reset Value
0000
DCR11
0
DCR10
0
DCR9
0
DCR8
0
18
DCR0L
Reset Value
DCR7
0
DCR6
0
DCR5
0
DCR4
0
DCR3
0
DCR2
0
DCR1
0
DCR0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com