Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 67Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 68Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 69Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 70Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 71Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 72Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 73Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 74Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
ST7LITE0x, ST7LITESx
71/125
11.4 8-BIT A/D CONVERTER (ADC)
11.4.1 Introduction
The on-chip Analog to Digital Converter (ADC) pe-
ripheral is a 8-bit, successive approximation con-
verter with internal sample and hold circuitry. This
peripheral has up to 5 multiplexed analog input
channels (refer to device pin out description) that
allow the peripheral to convert the analog voltage
levels from up to 5 different sources.
The result of the conversion is stored in a 8-bit
Data Register. The A/D converter is controlled
through a Control/Status Register.
11.4.2 Main Features
■ 8-bit conversion
■ Up to 5 channels with multiplexed input
■ Linear successive approximation
■ Dual input range
–0 to VDD or
– 0V to 250mV
■ Data register (DR) which contains the results
■ Conversion complete status flag
■ On/off bit (to reduce consumption)
■ Fixed
gain operational amplifier (x8) (not
available on ST7LITES5 devices)
11.4.3 Functional Description
11.4.3.1 Analog Power Supply
The block diagram is shown in Figure 43.
VDD and VSS are the high and low level reference
voltage pins.
Conversion accuracy may therefore be impacted
by voltage drops and noise in the event of heavily
loaded or badly decoupled power supply lines.
For more details, refer to the Electrical character-
istics section.
11.4.3.2 Input Voltage Amplifier
The input voltage can be amplified by a factor of 8
by enabling the AMPSEL bit in the ADAMP regis-
ter.
When the amplifier is enabled, the input range is
0V to 250 mV.
For example, if VDD = 5V, then the ADC can con-
vert voltages in the range 0V to 250mV with an
ideal resolution of 2.4mV (equivalent to 11-bit res-
olution with reference to a VSS to VDD range).
For more details, refer to the Electrical character-
istics section.
Note: The amplifier is switched on by the ADON
bit in the ADCCSR register, so no additional start-
up time is required when the amplifier is selected
by the AMPSEL bit.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com