Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 87Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 88Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 89Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 90Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 91Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 92Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 93Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 94Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 125 page
background image
ST7LITE0x, ST7LITESx
91/125
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 57. Typical IDD in WAIT vs. fCPU
Figure 58. Typical IDD in SLOW-WAIT vs. fCPU
Figure 59. Typical IDD vs. Temperature
at VDD = 5V and fCPU = 8MHz
13.4.2 On-chip peripherals
1. Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer running in PWM
mode at fcpu=8MHz.
2. Data based on a differential IDD measurement between reset configuration and a permanent SPI master communica-
tion (data sent equal to 55h).
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions with am-
plifier off.
0.0
0.5
1.0
1.5
2.0
2.4
2.7
3.7
4.5
5
5.5
Vdd (V)
8MHz
4MHz
1MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
2.4
2.7
3.7
4.5
5
5.5
Vdd (V)
250kHz
125kHz
62.5kHz
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
-45
25
90
130
Temperature (°C)
RUN
WAIT
SLOW
SLOW WAIT
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current 1)
fCPU=4MHz
VDD=3.0V
150
µA
fCPU=8MHz
VDD=5.0V
250
IDD(SPI)
SPI supply current 2)
fCPU=4MHz
VDD=3.0V
50
fCPU=8MHz
VDD=5.0V
300
IDD(ADC)
ADC supply current when converting 3)
fADC=4MHz
VDD=3.0V
780
VDD=5.0V
1100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com