Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 50 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 46Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 47Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 48Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 49Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 50Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 51Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 52Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 53Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 125 page
background image
ST7LITE0x, ST7LITESx
50/125
LITE TIMER (Cont’d)
11.1.3 Functional Description
The value of the 8-bit counter cannot be read or
written by software. After an MCU reset, it starts
incrementing from 0 at a frequency of fOSC/32. A
counter overflow event occurs when the counter
rolls over from F9h to 00h. If fOSC = 8 MHz, then
the time period between two counter overflow
events is 1 ms. This period can be doubled by set-
ting the TB bit in the LTCSR register.
When the timer overflows, the TBF bit is set by
hardware and an interrupt request is generated if
the TBIE is set. The TBF bit is cleared by software
reading the LTCSR register.
11.1.3.1 Watchdog
The watchdog is enabled using the WDGE bit.
The normal Watchdog timeout is 2ms (@ = 8 MHz
fOSC), after which it then generates a reset.
To prevent this watchdog reset occuring, software
must set the WDGD bit. The WDGD bit is cleared
by hardware after tWDG. This means that software
must write to the WDGD bit at regular intervals to
prevent a watchdog reset occurring. Refer to Fig-
ure 31.
If the watchdog is not enabled immediately after
reset, the first watchdog timeout will be shorter
than 2ms, because this period is counted starting
from reset. Moreover, if a 2ms period has already
elapsed after the last MCU reset, the watchdog re-
set will take place as soon as the WDGE bit is set.
For these reasons, it is recommended to enable
the Watchdog immediately after reset or else to
set the WDGD bit before the WGDE bit so a
watchdog reset will not occur for at least 2ms.
Note: Software can use the timebase feature to
set the WDGD bit at 1 or 2 ms intervals.
A Watchdog reset can be forced at any time by
setting the WDGRF bit. To generate a forced
watchdog reset, first watchdog has to be activated
by setting the WDGE bit and then the WDGRF bit
has to be set.
The WDGRF bit also acts as a flag, indicating that
the Watchdog was the source of the reset. It is au-
tomatically cleared after it has been read.
Caution: When the WDGRF bit is set, software
must clear it, otherwise the next time the watchdog
is enabled (by hardware or software), the micro-
controller will be immediately reset.
Hardware Watchdog Option
If Hardware Watchdog is selected by option byte,
the watchdog is always active and the WDGE bit in
the LTCSR is not used.
Refer to the Option Byte description in the "device
configuration and ordering information" section.
Using Halt Mode with the Watchdog (option)
If the Watchdog reset on HALT option is not se-
lected by option byte, the Halt mode can be used
when the watchdog is enabled.
In this case, the HALT instruction stops the oscilla-
tor. When the oscillator is stopped, the Lite Timer
stops counting and is no longer able to generate a
Watchdog reset until the microcontroller receives
an external interrupt or a reset.
If an external interrupt is received, the WDG re-
starts counting after 256 CPU clocks. If a reset is
generated, the Watchdog is disabled (reset state).
If Halt mode with Watchdog is enabled by option
byte (No watchdog reset on HALT instruction), it is
recommended before executing the HALT instruc-
tion to refresh the WDG counter, to avoid an unex-
pected WDG reset immediately after waking up
the microcontroller.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com