Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7FLITES2M6 Datasheet(PDF) 117 Page - STMicroelectronics

Part # 7FLITES2M6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7FLITES2M6 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button 7FLITES2M6 Datasheet HTML 113Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 114Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 115Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 116Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 117Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 118Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 119Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 120Page - STMicroelectronics 7FLITES2M6 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 125 page
background image
ST7LITE0x, ST7LITESx
117/125
ST7LITE0x AND ST7SUPERLITE FASTROM MICROCONTROLLER OPTION LIST
(Last update: October 2006)
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/FASTROM Code*: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
*FASTROM code name is assigned by STMicroelectronics.
FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Warning: Addresses 1000h, 1001h, FFDEh and FFDFh are reserved areas for ST to program RCCR0 and
RCCR1 (see section 7.1 on page 25).
Conditioning (check only one option):
Special Marking:
[ ] No
[ ] Yes
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Maximum character count:
PDIP16 (15 char. max) : _ _ _ _ _ _ _ _ _ _ _ _ _ _ _
SO16 (11 char. max) : _ _ _ _ _ _ _ _ _ _ _
Sector 0 size:
[ ] 0.5K
[ ] 1K
[ ] 1.5K (ST7PLITE0x devices only)
Readout Protection:
[ ] Disabled
[ ] Enabled
FLASH write Protection:
[ ] Disabled
[ ] Enabled
Clock Source Selection:
[ ] Internal RC
[ ] External Clock
PLL
[ ] Disabled
[ ] PLLx4
[ ] PLLx8
LVD Reset
[ ] Disabled
[ ] Highest threshold
[ ] Medium threshold
[ ] Lowest threshold
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Disabled
[ ] Enabled
Comments :
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Important note: Not all configurations are available. See Table 21 on page 115 for authorized option byte
combinations.
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list
---------------------------------
FASTROM DEVICE:
---------------------------------
|
|
-----------------------------------------
1.5K
-----------------------------------------
|
|
-----------------------------------------
1K
-----------------------------------------
PDIP16:
|
[ ] ST7PLITE02Y0B6
|
[ ] ST7PLITES2Y0B6
|
[ ] ST7PLITE05Y0B6
|
[ ] ST7PLITES5Y0B6
|
[ ] ST7PLITE09Y0B6
|
SO16:
|
[ ] ST7PLITE02Y0M6
|
[ ] ST7PLITES2Y0M6
|
[ ] ST7PLITE05Y0M6
|
[ ] ST7PLITES5Y0M6
|
[ ] ST7PLITE09Y0M6
|
PDIP16
[ ] Tube
SO16
[ ] Tape & Reel
[ ] Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com