Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 47Page - STMicroelectronics STM32G431XB Datasheet HTML 48Page - STMicroelectronics STM32G431XB Datasheet HTML 49Page - STMicroelectronics STM32G431XB Datasheet HTML 50Page - STMicroelectronics STM32G431XB Datasheet HTML 51Page - STMicroelectronics STM32G431XB Datasheet HTML 52Page - STMicroelectronics STM32G431XB Datasheet HTML 53Page - STMicroelectronics STM32G431XB Datasheet HTML 54Page - STMicroelectronics STM32G431XB Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 198 page
background image
DS12589 Rev 6
51/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
Table 12. STM32G431x6/x8/xB pin definition(1)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions
--
-
-
-
-
-
-
1
PE2
I/O
FT
-
TRACECK, TIM3_CH1,
SAI1_CK1,
SAI1_MCLK_A,
EVENTOUT
-
--
-
-
-
-
-
-
2
PE3
I/O
FT
-
TRACED0, TIM3_CH2,
SAI1_SD_B,
EVENTOUT
-
--
-
-
-
-
-
-
3
PE4
I/O
FT
-
TRACED1, TIM3_CH3,
SAI1_D2, SAI1_FS_A,
EVENTOUT
-
--
-
-
-
-
-
-
4
PE5
I/O
FT
-
TRACED2, TIM3_CH4,
SAI1_CK2,
SAI1_SCK_A,
EVENTOUT
-
--
-
-
-
-
-
-
5
PE6
I/O
FT
-
TRACED3,
SAI1_D1,
SAI1_SD_A,
EVENTOUT
WKUP3,
RTC_TAMP3
--
1
1
B7
1
C2
16
VBAT
S
-
-
-
-
--
2
2
C5
2
B1
2
7
PC13
I/O
FT
(2)
(3)
TIM1_BKIN,
TIM1_CH1N,
TIM8_CH4N,
EVENTOUT
WKUP2,
RTC_TAMP1,
RTC_TS,
RTC_OUT1
--
3
3
C7
3
C1
38
PC14-
OSC32_IN
I/O
FT
(2)
(3)
EVENTOUT
OSC32_IN
--
4
4
D7
4
D1
49
PC15-
OSC32_OUT
I/O
FT
(2)
(3)
EVENTOUT
OSC32_OUT
--
-
-
-
-
-
-
10
PF9
I/O
FT
-
TIM15_CH1,
SPI2_SCK,
SAI1_FS_B,
EVENTOUT
-
--
-
-
-
-
-
-
11
PF10
I/O
FT
-
TIM15_CH2,
SPI2_SCK,
SAI1_D3,
EVENTOUT
-
22
5
5
E7
5
E1
5
12
PF0-OSC_IN
I/O FT_fa
-
I2C2_SDA,
SPI2_NSS/
I2S2_WS, TIM1_CH3N,
EVENTOUT
ADC1_IN10,
OSC_IN
3
3
6
6
E6
6F16
13
PF1-
OSC_OUT
I/O
FT_a
-
SPI2_SCK/
I2S2_CK,
EVENTOUT
ADC2_IN10,
COMP3_INM,
OSC_OUT
4
4
7
7
C6
7
D2
7
14
PG10-NRST
I/O
NRST
(4)
-
MCO,
EVENTOUT
NRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com