Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 38Page - STMicroelectronics STM32G431XB Datasheet HTML 39Page - STMicroelectronics STM32G431XB Datasheet HTML 40Page - STMicroelectronics STM32G431XB Datasheet HTML 41Page - STMicroelectronics STM32G431XB Datasheet HTML 42Page - STMicroelectronics STM32G431XB Datasheet HTML 43Page - STMicroelectronics STM32G431XB Datasheet HTML 44Page - STMicroelectronics STM32G431XB Datasheet HTML 45Page - STMicroelectronics STM32G431XB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 198 page
background image
Functional overview
STM32G431x6 STM32G431x8 STM32G431xB
42/198
DS12589 Rev 6
3.33
Controller area network (FDCAN1)
The controller area network (CAN) subsystem consists of one CAN module and message
RAM memory.
The CAN module (FDCAN) is compliant with ISO 11898-1 (CAN protocol specification
version 2.0 part A, B) and CAN FD protocol specification version 1.0.
A 1-Kbyte message RAM memory implements filters, receive FIFOs, receive buffers,
transmit event FIFOs, transmit buffers.
3.34
Universal serial bus (USB)
The STM32G431x6/x8/xB devices embed a full-speed USB device peripheral compliant
with the USB specification version 2.0. The internal USB PHY supports USB FS signaling,
embedded DP pull-up and also battery charging detection according to Battery Charging
Specification Revision 1.2. The USB interface implements a full-speed (12 Mbit/s) function
interface with added support for USB 2.0 Link Power Management. It has software-
configurable endpoint setting with packet memory up-to 1 Kbyte and suspend/resume
support. It requires a precise 48 MHz clock which can be generated from the internal main
PLL (the clock source must use a HSE crystal oscillator) or by the internal 48 MHz oscillator
in automatic trimming mode. The synchronization for this oscillator can be taken from the
USB data stream itself (SOF signalization) which allows crystal less operation.
3.35
USB Type-C™ / USB Power Delivery controller (UCPD)
The device embeds one controller (UCPD) compliant with USB Type-C Rev. 1.2 and USB
Power Delivery Rev. 3.0 specifications.
The controller uses specific I/Os supporting the USB Type-C and USB Power Delivery
requirements, featuring:
•
USB Type-C pull-up (Rp, all values) and pull-down (Rd) resistors
•
“Dead battery” support
•
USB Power Delivery message transmission and reception
•
FRS (fast role swap) support
Data size configurable: 8-, 10-, 16-, 20-, 24-, 32-bit
X
FIFO size
X (8 word)
SPDIF
X
1. X: supported.
Table 10. SAI features implementation (continued)
SAI features
Support(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com