Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 21Page - STMicroelectronics STM32G431XB Datasheet HTML 22Page - STMicroelectronics STM32G431XB Datasheet HTML 23Page - STMicroelectronics STM32G431XB Datasheet HTML 24Page - STMicroelectronics STM32G431XB Datasheet HTML 25Page - STMicroelectronics STM32G431XB Datasheet HTML 26Page - STMicroelectronics STM32G431XB Datasheet HTML 27Page - STMicroelectronics STM32G431XB Datasheet HTML 28Page - STMicroelectronics STM32G431XB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 198 page
background image
DS12589 Rev 6
25/198
STM32G431x6 STM32G431x8 STM32G431xB
Functional overview
43
3.12
Interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep and Stop
modes.
Table 3. STM32G431x6/x8/xB peripherals interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
Y
Y
Y
-
ADCx
DACx
Conversion triggers
Y
Y
Y
-
DMA
Memory to memory transfer trigger
Y
Y
Y
-
COMPx
Comparator output blanking
Y
Y
Y
-
TIM16/TIM17
IRTIM
Infrared interface output generation
Y
Y
Y
-
COMPx
TIM1, 8
TIM2, 3, 4
Timer input channel, trigger, break
from analog signals comparison
YYY
-
LPTIMER1
Low-power timer triggered by
analog signals comparison
YYY
Y
ADCx
TIM1, 8
Timer triggered by analog watchdog
Y
Y
Y
-
RTC
TIM16
Timer input channel from RTC
events
YYY
-
LPTIMER1
Low-power timer triggered by RTC
alarms or tampers
YYY
Y
All clocks sources (internal
and external)
TIM15, 16, 17
Clock source used as input channel
for RC measurement and trimming
YYY
-
USB
TIM2
Timer triggered by USB SOF
Y
Y
-
-
CSS
CPU (hard fault)
RAM (parity error)
Flash memory (ECC error)
COMPx
PVD
TIM1, 8
TIM15, 16, 17
Timer break
Y
Y
Y
-
GPIO
TIMx
External trigger
Y
Y
Y
-
LPTIMER1
External trigger
Y
Y
Y
-
ADCx
DACx
Conversion external trigger
Y
Y
Y
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com