Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 71Page - STMicroelectronics STM32G431XB Datasheet HTML 72Page - STMicroelectronics STM32G431XB Datasheet HTML 73Page - STMicroelectronics STM32G431XB Datasheet HTML 74Page - STMicroelectronics STM32G431XB Datasheet HTML 75Page - STMicroelectronics STM32G431XB Datasheet HTML 76Page - STMicroelectronics STM32G431XB Datasheet HTML 77Page - STMicroelectronics STM32G431XB Datasheet HTML 78Page - STMicroelectronics STM32G431XB Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 198 page
background image
DS12589 Rev 6
75/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Figure 18. VREFINT versus temperature
5.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code
The current consumption is measured as described in Figure 17: Current consumption
measurement.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted with the minimum wait states number,
depending on the fHCLK frequency (refer to the table “number of wait states according
to CPU clock (HCLK) frequency” available in the reference manual RM0440
"STM32G4 Series advanced Arm®-based 32-bit MCUs").
•
When the peripherals are enabled fPCLK = fHCLK
•
The voltage scaling Range 1 is adjusted to fHCLK frequency as follows:
–
Voltage Range 1 Boost mode for 150 MHz < fHCLK ≤ 170 MHz
–
Voltage Range 1 Normal mode for 26 MHz < fHCLK ≤ 150 MHz
The parameters given in Table 21 to Table 24 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 17: General
operating conditions.
MSv40169V2
1.185
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
1.235
-40
-20
0
20
40
60
80
100
120
V
°C
Mean
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com