Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431XB Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32G431XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431XB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32G431XB Datasheet HTML 65Page - STMicroelectronics STM32G431XB Datasheet HTML 66Page - STMicroelectronics STM32G431XB Datasheet HTML 67Page - STMicroelectronics STM32G431XB Datasheet HTML 68Page - STMicroelectronics STM32G431XB Datasheet HTML 69Page - STMicroelectronics STM32G431XB Datasheet HTML 70Page - STMicroelectronics STM32G431XB Datasheet HTML 71Page - STMicroelectronics STM32G431XB Datasheet HTML 72Page - STMicroelectronics STM32G431XB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 198 page
background image
DS12589 Rev 6
69/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.1.7
Current consumption measurement
Figure 17. Current consumption measurement
The IDD_ALL parameters given in Table 21 to Table 24 represent the total MCU consumption
including the current supplying VDD, VDDA and VBAT.
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 14: Voltage characteristics,
Table 15: Current characteristics and Table 16: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. Exposure to maximum rating conditions for
extended periods may affect device reliability. Device mission profile (application conditions)
is compliant with JEDEC JESD47 qualification standard, extended mission profiles are
available on demand.
MS60200V1
IDD_VBAT
VBAT
IDD
VDD
IDDA
VDDA
Table 14. Voltage characteristics(1)
1. All main power (VDD, VDDA, VBAT) and ground (VSS, VSSA) pins must always be connected to the external
power supply, in the permitted range.
Symbol
Ratings
Min
Max
Unit
VDD - VSS
External main supply voltage (including VDD,
VDDA, VBAT and VREF+)
-0.3
4.0
V
VIN(2)
Input voltage on FT_xxx pins except FT_c pins
VSS-0.3
min (VDD, VDDA)
+ 4.0(3)(4)
Input voltage on FT_c pins
VSS-0.3
5.5
Input voltage on TT_xx pins
VSS-0.3
4.0
Input voltage on any other pins
VSS-0.3
4.0
|∆VDDx|
Variations between different VDDX power pins of
the same domain
-50
mV
|VSSx-VSS| Variations between all the different ground pins(5)
-50
VREF+-VDDA Allowed voltage difference for VREF+ > VDDA
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com